Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8139ACPZ-R2

  • AI
    The **AD8139ACPZ-R2** is an ultra-low noise, high-performance differential amplifier manufactured by Analog Devices. It is specifically designed to drive high-resolution 16-bit and 18-bit Analog-to-Digital Converters (ADCs). --- ## 1. Core Specifications The table below summarizes the primary electrical characteristics of the AD8139: | Parameter | Specification | | :--- | :--- | | **Type** | Differential / ADC Driver | | **Bandwidth (-3 dB)** | 410 MHz (G = 1) | | **Slew Rate** | 800 V/µs | | **Input Voltage Noise** | 2.1 nV/√Hz | | **Supply Voltage Range** | 4.5V to 12V (Single or Dual) | | **Harmonic Distortion** | -115 dBc @ 1 MHz | | **Package** | 8-Lead LFCSP (3mm x 3mm) | --- ## 2. Key Features and Functionality ### A. Differential Input/Output Unlike standard operational amplifiers, the AD8139 features differential outputs. This allows it to convert single-ended signals to differential signals, which is essential for modern high-speed ADCs to minimize noise and maximize dynamic range. ### B. Ultra-Low Noise & Distortion With a noise floor of only **2.1 nV/√Hz**, this part ensures that the amplifier does not become the bottleneck in high-precision signal chains. It maintains exceptional linearity even at high frequencies. ### C. VOCM Pin (Output Common-Mode Control) The device includes a dedicated `VOCM` pin. This allows the user to independently set the output common-mode voltage, making it easy to level-shift signals to match the input requirements of an ADC without needing external DC-blocking capacitors. ### D. Power Management The "R2" suffix in the part number typically refers to the reel size (7-inch reel containing 250 units), while the "ACPZ" indicates the Lead-Frame Chip Scale Package (LFCSP), which offers excellent thermal performance in a small footprint. --- ## 3. Application Circuit Example Below is a conceptual representation of how the AD8139 is typically integrated into a signal chain: ```text [Sensor/Signal] --> [AD8139 Differential Amp] --> [Low Pass Filter] --> [High-Res ADC] ^ | [V_ref / VOCM Control] ``` ### Typical Use Cases: * **Medical Imaging:** Ultrasound and MRI signal processing. * **Communication Systems:** IF and baseband gain blocks. * **Instrumentation:** Precision data acquisition systems. * **Automotive:** Radar and LIDAR signal conditioning. ---
    ✨ Follow-up Questions
    • ⤷ How does the VOCM pin specifically help in interfacing with 18-bit ADCs?
    • ⤷ What are the thermal management requirements for the LFCSP package of the AD8139?
    • ⤷ What are the main differences between the AD8139 and the AD8138?