Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8212WYRMZ-R71

  • AI
    The **AD8212WYRMZ-R7** is a high-voltage, shunt-side current sense amplifier designed by Analog Devices. It is specifically engineered to measure small differential voltages across a sense resistor in the presence of high common-mode voltages. --- ## 🛠️ Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8212: | Parameter | Specification | | :--- | :--- | | **Common-Mode Voltage Range** | 7 V to 650 V (with external MOSFET) | | **Supply Voltage Range** | 7 V to 650 V | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 8-Lead MSOP | | **Output Type** | Current Output | | **Qualification** | Automotive (AEC-Q100) | --- ## 🔍 Core Functional Parts The AD8212 utilizes a unique architecture that sets it apart from standard operational amplifiers: ### 1. High-Voltage Interface Unlike integrated amplifiers limited to 30V or 60V, the AD8212 uses an **external NPN transistor** or **MOSFET** to "float" the device. This allows it to monitor current on rails as high as 650V while the chip itself operates at a much lower internal voltage. ### 2. Current Output Stage The device converts the differential input voltage (generated by the shunt resistor) into a proportional output current. This is beneficial for: * **Noise Immunity:** Current signals are less susceptible to electromagnetic interference. * **Ground Offsets:** It allows for easy level-shifting of the signal to a low-voltage ADC or Microcontroller. ### 3. Precision Differential Amplifier The internal circuitry includes high-precision resistors and a low-offset amplifier to ensure that the small voltage drop across the shunt (typically millivolts) is accurately captured without significant error. --- ## 🚘 Applications and Use Cases The "W" in the part number indicates **Automotive Grade** qualification, making it ideal for harsh environments: * **Electric Vehicles (EV):** Monitoring high-voltage battery stacks and motor controllers. * **Industrial Power Supplies:** Overcurrent protection in 48V to 400V systems. * **48V Mild Hybrid Systems:** Current sensing for integrated starter generators. * **Solenoid/Valve Control:** Precise current monitoring for inductive loads. --- ## 📝 Part Number Breakdown: AD8212WYRMZ-R7 * **AD8212:** Model Series. * **W:** Automotive Qualified (AEC-Q100). * **Y:** Temperature grade (-40°C to +125°C). * **RM:** Package code for MSOP (Mini Small Outline Package). * **Z:** RoHS compliant (Lead-free). * **R7:** 7-inch Tape and Reel packaging (typically 1,000 units). ---
    ✨ Follow-up Questions
    • ⤷ How does the external NPN transistor enable the 650V operation in this circuit?
    • ⤷ What is the recommended shunt resistor value for a 10A current measurement using the AD8212?
    • ⤷ How does the AD8212 compare to the AD8210 in terms of common-mode voltage range?