Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8214ARMZ-R7

  • AI
    ## AD8214ARMZ-R7: Fast Response, High-Side Current Shunt Monitor The **AD8214ARMZ-R7** is a specialized integrated circuit manufactured by Analog Devices. It is designed to amplify a small differential voltage across a shunt resistor in the presence of high common-mode voltages, primarily used for overcurrent protection. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | High-Side Current Shunt Monitor (Comparator output) | | **Common-Mode Voltage** | 5V to 65V | | **Supply Voltage (Vcc)** | 4.5V to 5.5V | | **Response Time** | 100 ns (extremely fast) | | **Package** | 8-Lead MSOP (Micro Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | | **Threshold Accuracy** | ±5% | --- ### 2. Core Functional Blocks The AD8214 is composed of several internal electronic stages that allow it to perform high-speed current monitoring: 1. **Differential Amplifier:** The input stage takes the voltage drop across an external shunt resistor ($R_{shunt}$). It can handle common-mode voltages up to 65V, even though the chip itself runs on 5V. 2. **Internal Reference:** It contains a precise internal reference that defines a threshold (typically 100mV). 3. **Fast Comparator:** Unlike standard current-sense amplifiers that provide a linear output, the AD8214 features a high-speed comparator. If the input differential voltage exceeds the 100mV threshold, the output triggers. 4. **Output Driver:** The output is designed to interface directly with microcontrollers or MOSFET drivers to shut down a system during a fault. --- ### 3. Application Use Cases Because of its **100 ns response time**, this part is used in environments where electronic components must be protected from "hard" short circuits almost instantaneously. * **Motor Control:** Protection against phase-to-ground or phase-to-phase shorts. * **Power Supplies:** Overcurrent protection for high-voltage DC-DC converters. * **Battery Management (BMS):** Rapidly disconnecting a battery pack if a massive current spike is detected. * **Industrial Automation:** Protecting PLCs and actuators from wiring faults. --- ### 4. Circuit Implementation Example To use the AD8214, you generally need the following external configuration: ```c // Pseudo-logic for System Integration if (AD8214_OUT == HIGH) { DISABLE_GATE_DRIVER(); // Immediate hardware shutdown TRIGGER_ALARM_INTERRUPT(); } ``` * **Shunt Resistor Calculation:** To set the trip current ($I_{trip}$), you use the formula: $R_{shunt} = \frac{100mV}{I_{trip}}$ * **Filtering:** Small RC filters are often added to the input pins to prevent nuisance tripping from high-frequency noise. ---
    ✨ Follow-up Questions
    • ⤷How does the 100ns response time compare to standard current sense amplifiers?
    • ⤷ What are the advantages of the MSOP-8 package for this specific part?
    • ⤷ Can the 100mV threshold be adjusted externally?