Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8215YRZ-R7

  • AI
    The **AD8215YRZ-R7** is a high-precision, high-voltage current shunt amplifier designed by Analog Devices. It is specifically engineered to amplify small differential voltages in the presence of high common-mode voltages. --- ### ## Technical Specifications Below are the primary electrical characteristics of the AD8215YRZ-R7: | Parameter | Value / Specification | | :--- | :--- | | **Fixed Gain** | 20 V/V | | **Common-Mode Voltage** | -2 V to +65 V | | **Supply Voltage Range** | 4.5 V to 5.5 V | | **Operating Temperature** | -40°C to +125°C | | **Bandwidth** | 450 kHz | | **Package Type** | SOIC-8 (N-Suffix) | | **Mounting Type** | Surface Mount (SMD) | --- ### ### Key Features and Internal Architecture The AD8215 is built to handle harsh electrical environments, particularly in automotive and industrial sectors. 1. **High-Side Current Sensing:** It is optimized for "high-side" sensing, meaning it monitors the current flow between the power supply and the load. 2. **Internal Resistor Network:** The device includes a precision internal resistor string that sets the fixed gain of 20. This minimizes external component count and improves thermal stability. 3. **Input Filtering:** It features an internal EMI filter and specialized circuitry to provide high rejection of common-mode transients. 4. **Zero-Drift Capability:** The architecture ensures very low offset voltage drift over the entire operating temperature range, maintaining accuracy in extreme conditions. --- ### ### Typical Application Circuit The following represents a basic implementation of the AD8215 for monitoring load current: ```mermaid graph LR Supply[DC Supply] --> Shunt[Shunt Resistor] Shunt --> Load Shunt -.->|In+| AD8215 Shunt -.->|In-| AD8215 AD8215 -->|Vout| ADC[Microcontroller/ADC] ``` ```python # Formula to calculate Output Voltage (Vout) # Vout = (I_load * R_shunt) * Gain # Given Gain = 20 def calculate_vout(i_load, r_shunt): gain = 20 v_differential = i_load * r_shunt v_out = v_differential * gain return v_out # Example: 5A load with a 10mOhm shunt print(calculate_vout(5, 0.01)) # Output: 1.0V ``` --- ### ### Common Use Cases * **Automotive:** Transmission control, solenoid control, and battery management systems. * **Industrial:** Motor control, power supply monitoring, and over-current protection. * **Power Management:** DC-DC converters and telecom equipment.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8215 and the AD8210?
    • ⤷ How do I select the optimal shunt resistor value for this IC?
    • ⤷ Can the AD8215 be used for bidirectional current sensing?