Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8220ARMZ-R7

  • AI
    The **AD8220ARMZ-R7** is a high-performance, JFET-input instrumentation amplifier designed by Analog Devices. It is specifically engineered to handle high-impedance sources and provide excellent common-mode rejection in a compact footprint. --- ## 🛠 Key Specifications | Feature | Specification | | :--- | :--- | | **Input Type** | JFET (High Input Impedance) | | **Supply Voltage Range** | Single: 4.5V to 36V | Dual: ±2.25V to ±18V | | **Gain Range** | 1 to 1000 (Set by one external resistor $R_G$) | | **Input Bias Current** | 10 pA (Maximum) | | **CMRR** | 100 dB minimum (G=10) | | **Package Type** | MSOP-8 (ARMZ denotes MSOP) | | **Packaging Format** | Reel 7" (R7 suffix) | --- ## 🔍 Core Electronic Components & Architecture ### 1. JFET Input Stage Unlike standard bipolar instrumentation amplifiers, the AD8220 uses **JFET (Junction Field Effect Transistor)** inputs. This results in: * **Extremely Low Bias Current:** Ideal for medical sensors (ECG/EEG) or photodiode preamps where drawing current from the source would cause errors. * **High Input Impedance:** Allows the device to interface with high-impedance sensors without loading effects. ### 2. Gain Adjustment ($R_G$) The gain is calculated using a single external resistor connected between pins 1 and 8. The transfer function is: $G = 1 + \frac{49.4 k\Omega}{R_G}$ ### 3. Rail-to-Rail Output The output stage can swing very close to the supply rails, maximizing the dynamic range, which is critical when operating on low-voltage 5V supplies. --- ## 📋 Pin Configuration (MSOP-8) | Pin # | Name | Function | | :--- | :--- | :--- | | 1 | **-RG** | Gain resistor terminal | | 2 | **-IN** | Inverting Input | | 3 | **+IN** | Non-inverting Input | | 4 | **-V_S** | Negative Supply | | 5 | **REF** | Reference Pin (Sets output "zero" level) | | 6 | **V_OUT** | Output Signal | | 7 | **+V_S** | Positive Supply | | 8 | **+RG** | Gain resistor terminal | --- ## 🚀 Typical Applications * **Medical Instrumentation:** ECG, EEG, and patient monitoring. * **Precision Data Acquisition:** Interfacing with bridge transducers and pressure sensors. * **Industrial Process Control:** Current sensing and thermocouple amplification. * **High-Impedance Buffering:** Signals coming from pH probes or chemical sensors. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the exact resistor value for a gain of 100?
    • ⤷ What is the importance of the REF pin in this circuit?
    • ⤷ How does the AD8220 compare to the AD8221 in terms of noise and input bias?