Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8222BCPZ-R7

  • AI
    ### Overview of AD8222BCPZ-R7 The **AD8222BCPZ-R7** is a high-performance, dual-channel, precision instrumentation amplifier manufactured by Analog Devices. It is designed to extract small differential signals in the presence of large common-mode voltages, making it ideal for medical and industrial applications. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Channels** | Dual (Two independent amplifiers) | | **Gain Range** | 1 to 1000 (Set by a single external resistor) | | **Common-Mode Rejection Ratio (CMRR)** | 120 dB min (Gain = 1000) | | **Input Offset Voltage** | 60 µV max | | **Gain Drift** | 10 ppm/°C max | | **Supply Voltage Range** | ±2.3 V to ±18 V | | **Package Type** | LFCSP (Lead Frame Chip Scale Package) | --- ### Core Electronic Components & Architecture The AD8222 utilizes a classic **three-op-amp instrumentation amplifier** architecture internally for each channel. This provides several benefits: 1. **In-Amp Topology**: Unlike standard operational amplifiers, the AD8222 features high-impedance inputs that do not load the source signal. 2. **Gain Setting ($R_G$)**: The gain is determined by an external resistor connected between the $R_G$ pins. The formula used is: $$G = 1 + \frac{49.4\text{ k}\Omega}{R_G}$$ 3. **Laser-Trimmed Resistors**: The internal resistors are precision-trimmed to ensure extremely high CMRR and low gain error, which is difficult to achieve with discrete components. --- ### Pin Configuration & Functionality | Pin Type | Description | | :--- | :--- | | **+IN / -IN** | Differential inputs for the signal. | | **$R_G$** | Gain setting pins where the external resistor is placed. | | **REF** | Reference pin used to offset the output voltage. | | **V+ / V-** | Power supply pins (Supports bipolar or unipolar). | | **OUT** | Signal output. | --- ### Common Applications * **Medical Instrumentation**: ECG and EEG monitoring where microvolt signals must be extracted from noise. * **Industrial Process Control**: Precision weight scales and pressure sensors. * **Data Acquisition**: High-resolution front-ends for Analog-to-Digital Converters (ADCs). * **Bridge Amplifiers**: Used with Wheatstone bridge sensors (strain gauges). --- ### Usage Precautions ```c /* Design Consideration: Power Supply Decoupling */ // Place 0.1uF ceramic capacitors in parallel with 10uF tantalum // capacitors as close to the V+ and V- pins as possible to // minimize noise and maintain stability. ``` 1. **Layout**: Since this is an LFCSP package, ensure the thermal pad is soldered correctly to a ground plane for heat dissipation and electrical stability. 2. **Resistor Selection**: Use 0.1% tolerance resistors for $R_G$ to maintain the precision of the integrated circuit.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the specific Rg resistor value for a gain of 100?
    • ⤷ What are the advantages of the AD8222 dual-channel setup compared to two single AD8221 units?
    • ⤷ Can the AD8222 be used with a single-ended power supply?