Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8224ACPZ-R7

  • AI
    ## Overview of AD8224ACPZ-R7 The **AD8224ACPZ-R7** is a high-performance, precision instrumentation amplifier manufactured by Analog Devices. It is unique because it is a **dual-channel** version of the industry-standard AD8221, allowing for high-density circuit designs without sacrificing precision. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Channels** | 2 (Dual) | | **Architecture** | 3-Op Amp Instrumentation Amp | | **Input Type** | Rail-to-Rail | | **Supply Voltage** | 4.5V to 36V (Single) or ±2.25V to ±18V (Dual) | | **Gain Range** | 1 to 1000 (Set by a single resistor) | | **CMRR** | 86 dB (Gain = 1), 110 dB (Gain = 1000) | | **Bandwidth** | 1.5 MHz (Gain = 1) | | **Package** | 16-Lead LFCSP (4mm x 4mm) | --- ### 2. Core Functional Features * **Precision Performance:** It features extremely low offset voltage (typically $40 \mu V$) and low offset drift ($0.3 \mu V/^\circ C$), making it ideal for measuring very small signals in noisy environments. * **High CMRR:** Its Common-Mode Rejection Ratio (CMRR) is excellent even at high frequencies, which is critical for rejecting 50/60 Hz line noise. * **Space Saving:** By integrating two amplifiers into a single $4 \times 4$ mm LFCSP package, it reduces PCB space requirements by 50% compared to using two single-channel amplifiers. * **User-Defined Gain:** The gain ($G$) is programmed using a single external resistor ($R_G$) according to the following formula: `G = 1 + (49.4 kΩ / RG)` --- ### 3. Pin Configuration and Internal Logic The "ACPZ" in the part number refers to the **LFCSP** package, which includes an exposed pad for thermal management and grounding. ```text Pin Map (Simplified): - +IN / -IN: Differential inputs for Channel 1 and 2. - RG: Gain setting resistor terminals. - REF: Reference pin for shifting output voltage level. - V+ / V-: Power supply pins. - OUT: Signal output pins. ``` --- ### 4. Typical Applications 1. **Medical Instrumentation:** ECG and EEG monitoring where small biological signals must be extracted from large common-mode noise. 2. **Industrial Process Control:** Bridge amplifiers for pressure sensors, load cells, and strain gauges. 3. **Data Acquisition:** Multi-channel systems requiring high-density analog front-ends. 4. **Precision Data Converters:** Serving as a buffer or gain stage for high-resolution ADCs. ---
    ✨ Follow-up Questions
    • ⤷ How does the AD8224 compare to the AD8221 in terms of power consumption?
    • ⤷ What is the recommended layout procedure for the LFCSP exposed pad?
    • ⤷ How do I calculate the resistor value for a specific gain of 100?