Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8227ARZ-R7

  • AI
    ## AD8227ARZ-R7: Electronic Overview The **AD8227ARZ-R7** is a high-performance, low-power instrumentation amplifier designed by Analog Devices. It is specifically engineered to amplify small differential signals in the presence of large common-mode voltages, even when operating on a single power supply. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Architecture** | 3-Op Amp Instrumentation Amplifier | | **Gain Range** | 5 to 1000 (Set by a single external resistor, $R_G$) | | **Operating Voltage** | 2.2V to 36V (Single) / ±1.1V to ±18V (Dual) | | **Supply Current** | 350 µA (Maximum) | | **Input Offset Voltage** | 200 µV (Maximum) | | **CMRR** | 80 dB min (Gain = 5) to 100 dB min (Gain = 1000) | | **Package / Case** | 8-SOIC (Small Outline Integrated Circuit) | | **Packaging** | Tape & Reel (indicated by the **-R7** suffix) | --- ### 2. Core Functional Components The AD8227 consists of several critical internal blocks: * **Input Stage:** A high-impedance differential input stage that allows the chip to interface with sensitive sensors without loading the signal source. * **Gain Setting ($R_G$):** Unlike fixed-gain amplifiers, the AD8227 uses an external resistor connected between pins 1 and 8 to define the gain. * Formula: $G = 5 + \frac{80\text{k}\Omega}{R_G}$ * **Reference Terminal (REF):** This pin allows the user to shift the output voltage level (level shifting), which is essential for interfacing with single-supply ADCs. * **Protection Circuitry:** The inputs include robust overvoltage protection, allowing them to withstand voltages up to 20V beyond the supply rails. --- ### 3. Application Use Cases Because of its low power consumption and wide supply range, the AD8227 is ideal for: 1. **Industrial Process Control:** Bridge amplifiers for pressure and temperature sensors. 2. **Medical Instrumentation:** Portable ECG or EEG monitoring devices. 3. **Battery Powered Equipment:** Remote data loggers where power efficiency is critical. 4. **Precision Data Acquisition:** Front-end signal conditioning for 12-bit to 16-bit ADCs. --- ### 4. Implementation Example (Gain Calculation) To set a specific gain, use a standard 1% metal film resistor. For example, to achieve a gain of 105: ```python # Gain Calculation Example RG_target = 80000 / (105 - 5) print(f"Required Resistor: {RG_target} Ohms (800 Ohms)") ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the AD8227 compare to the AD620 in terms of power consumption?
    • ⤷ What is the significance of the 'ARZ' suffix in the part number?
    • ⤷ Can the AD8227 operate effectively with a 0V common-mode input?