Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8227ARZ-R71

  • AI
    ## AD8227ARZ-R7: Technical Overview The **AD8227ARZ-R7** is a high-performance, low-cost, wide supply range **instrumentation amplifier** manufactured by Analog Devices. It is designed to amplify small differential signals in the presence of large common-mode voltages. ### 1. Key Specifications Below are the primary technical parameters for the AD8227ARZ-R7: | Feature | Specification | | :--- | :--- | | **Type** | Instrumentation Amplifier | | **Gain Range** | 5 to 1000 (Set by a single resistor $R_G$) | | **Supply Voltage (Single)** | 2.2 V to 36 V | | **Supply Voltage (Dual)** | ±1.1 V to ±18 V | | **Input Offset Voltage** | 200 µV (max) | | **Gain Drift** | 5 ppm/°C (G=5) | | **Bandwidth** | 250 kHz (G=5) | | **Package** | 8-Lead SOIC (Small Outline Integrated Circuit) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Description The AD8227 is optimized for robust performance in industrial environments. Its architecture provides several functional advantages: * **Gain Programming:** The gain is set using one external resistor ($R_G$). The formula for calculating the gain is: `Gain = 5 + (80 kΩ / Rg)` * **Rail-to-Rail Output:** The output swing can reach near the supply rails, maximizing the dynamic range, which is critical for low-voltage ADC interfacing. * **Input Protection:** The device features integrated input protection. It can withstand voltages up to 20V beyond the supply rails, protecting the IC from transient spikes or incorrect wiring. * **Low Power Consumption:** With a typical quiescent current of only 350 µA, it is suitable for battery-powered or portable equipment. --- ### 3. Pin Configuration (8-Lead SOIC) The standard pinout for the AD8227ARZ-R7 is as follows: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | -IN | Inverting Input | | 2 | RG | Gain Resistor Connection | | 3 | RG | Gain Resistor Connection | | 4 | +IN | Non-inverting Input | | 5 | -Vs | Negative Supply | | 6 | REF | Reference Pin (Sets output zero level) | | 7 | Vout | Output Signal | | 8 | +Vs | Positive Supply | --- ### 4. Typical Applications * **Industrial Process Control:** Bridge amplifiers for pressure and temperature sensors. * **Medical Instrumentation:** ECG and non-invasive monitoring equipment. * **Portable Data Acquisition:** Due to its low power consumption and wide supply range. * **Precision Voltage-to-Current Converters:** Using the REF pin to offset the output. --- ### 5. Part Number Breakdown: AD8227ARZ-R7 * **AD8227:** Part family number. * **A:** Performance grade (Standard). * **R:** Package type (SOIC). * **Z:** RoHS compliant (Lead-free). * **R7:** Packaging format (7-inch Reel, typically 1,000 pieces).
    ✨ Follow-up Questions
    • ⤷How do I calculate the specific resistor value for a gain of 100?
    • ⤷ What is the importance of the REF pin in this amplifier?
    • ⤷ How does the AD8227 compare to the AD620 in terms of power consumption?