Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8231ACPZ-R7

  • AI
    ## AD8231ACPZ-R7: Technical Overview The **AD8231ACPZ-R7** is a high-performance, low-noise, instrumentation amplifier manufactured by **Analog Devices**. Its defining characteristic is its **digitally programmable gain**, allowing for flexible signal conditioning in precision applications. --- ### 1. Key Technical Specifications Below are the critical electrical parameters for the AD8231: | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | Instrumentation / Zero-Drift | | **Gain Settings** | 1, 2, 4, 8, 16, 32, 64, 128 (Binary steps) | | **Gain Control** | 3-bit Parallel Digital Interface | | **Input Offset Voltage** | 15 µV (Maximum) | | **Offset Drift** | 50 nV/°C (Zero-Drift technology) | | **Supply Voltage Range** | 3.0 V to 5 V (Single or Dual) | | **Output Type** | Rail-to-Rail | | **Package** | 16-Lead LFCSP (3mm x 3mm) | --- ### 2. Functional Components The internal architecture of the AD8231 consists of three main functional blocks: 1. **Instrumentation Amplifier Core:** A three-op-amp topology that provides high Common-Mode Rejection Ratio (CMRR) and high input impedance. 2. **Digitally Controlled Resistor Network:** A precision internal ladder that adjusts the gain based on the 3-bit digital input (A0, A1, A2). This eliminates the need for external gain-setting resistors, which can introduce drift. 3. **Auto-Zero Circuitry:** Continuously corrects for offset voltage and 1/f noise, ensuring high DC precision over time and temperature. --- ### 3. Pinout and Interface The device is controlled via a simple digital interface, making it compatible with microcontrollers and FPGAs. * **Gain Selection:** Controlled by pins A0, A1, and A2. * **Shutdown (SDN):** Reduces power consumption when the amplifier is not in use. * **Reference Pin (REF):** Allows the output to be level-shifted (useful for single-supply ADC interfacing). --- ### 4. Application Use Cases Because of its high precision and programmable nature, it is commonly found in: * **Medical Instrumentation:** ECG/EKG signal amplification. * **Industrial Pressure Sensors:** Weigh scales and strain gauges. * **Data Acquisition:** Front-ends for high-resolution ADCs. * **Automotive:** Current sensing and battery management. --- ### 5. Part Number Breakdown (AD8231ACPZ-R7) * **AD8231:** Model Number. * **A:** Performance Grade. * **CP:** Lead Frame Chip Scale Package (LFCSP). * **Z:** RoHS Compliant (Lead-free). * **R7:** 7-inch Tape and Reel packaging (typically 1,500 units).
    ✨ Follow-up Questions
    • ⤷ How does the zero-drift architecture improve accuracy in medical devices?
    • ⤷ What is the power consumption of the AD8231 in shutdown mode?
    • ⤷ Can the AD8231 be used with a 12V supply system?