Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8231TCPZ-EP-R7

  • AI
    ## Technical Overview: AD8231TCPZ-EP-R7 The **AD8231TCPZ-EP-R7** is a high-performance, zero-drift, rail-to-rail instrumentation amplifier manufactured by Analog Devices. The "EP" designation stands for **Enhanced Product**, meaning it is designed for defense, aerospace, and high-reliability industrial applications. ### 1. Key Specifications The following table highlights the core electronic characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Architecture** | Zero-Drift Instrumentation Amplifier | | **Gain Settings** | Software programmable (1, 2, 4, 8, 16, 32, 64, or 128) | | **Supply Voltage** | 3.0V to 5V (Single) or ±1.5V to ±2.5V (Dual) | | **Input Offset Voltage** | 15 µV (Maximum) | | **Offset Drift** | 50 nV/°C (Maximum) | | **Common-Mode Rejection (CMRR)** | 110 dB (G=128) | | **Bandwidth** | 2.7 MHz (G=1) | | **Package** | 16-lead LFCSP | | **Operating Temp Range** | -55°C to +125°C (Military/Enhanced) | --- ### 2. Core Functional Components The AD8231 is not just a standard Op-Amp; it is a sophisticated system-on-chip that includes: * **Programmable Gain Amplifier (PGA):** Allows users to set the gain via a digital interface (3-bit parallel or SPI-compatible), eliminating the need for external precision resistors. * **Zero-Drift Topology:** It utilizes a "chopper-stabilized" architecture. This continuously corrects DC errors, effectively eliminating $1/f$ noise (flicker noise) and ensuring extreme stability over time and temperature. * **Rail-to-Rail Input/Output:** This allows the signal to swing very close to the supply rails, maximizing the dynamic range, which is critical for low-voltage (3.3V) systems. * **Shutdown Mode:** Includes a power-down feature to conserve energy in battery-powered applications. --- ### 3. Pin Configuration Highlights The 16-lead LFCSP package utilizes specific pins for its digital and analog functions: ```text A0, A1, A2 : Digital gain control pins SDN : Shutdown control (active low) VREF : Reference voltage pin for shifting output level +IN, -IN : Differential analog inputs V+ , V- : Power supply pins OUT : Analog output ``` --- ### 4. Applications Due to its **Enhanced Product (EP)** status, this component is typically found in: 1. **Aerospace & Defense:** Flight control systems and telemetry. 2. **Precision Medical:** Multi-channel ECG/EEG monitoring. 3. **Industrial Process Control:** Bridge transducers (strain gauges, pressure sensors) where temperature fluctuations are common. 4. **Data Acquisition:** High-resolution ADC front-ends. --- ### 5. "EP" and "R7" Suffix Meaning * **EP (Enhanced Product):** Includes a controlled manufacturing baseline, gold bond wires, and enhanced temperature range testing. It is intended for harsh environments where standard commercial parts might fail. * **R7 (Reel 7):** Indicates the packaging format, specifically a 7-inch tape and reel containing a specific quantity (usually 1,500 units) for automated assembly.
    ✨ Follow-up Questions
    • ⤷ How does the zero-drift architecture compare to standard instrumentation amplifiers in terms of noise?
    • ⤷ Can the gain of the AD8231 be changed dynamically during operation?
    • ⤷ What are the specific thermal management requirements for the LFCSP package in military applications?