Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8271BRMZ-R7

  • AI
    ## Technical Overview: AD8271BRMZ-R7 The **AD8271BRMZ-R7** is a high-precision, programmable gain difference amplifier manufactured by Analog Devices. It is designed for high-performance signal conditioning where accuracy, low noise, and flexibility are paramount. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Value / Specification | | :--- | :--- | | **Type** | Difference Amplifier (Programmable Gain) | | **Gain Settings** | G = 0.5, 1, or 2 | | **Bandwidth** | 15 MHz | | **Slew Rate** | 30 V/µs | | **Common-Mode Rejection Ratio (CMRR)** | 80 dB (minimum) | | **Supply Voltage Range** | ±2.5V to ±18V (or 5V to 36V single) | | **Package Type** | 8-MSOP (Mini Small Outline Package) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Components The AD8271 consists of several critical internal elements that define its performance: * **Internal Laser-Trimmed Resistors:** The chip features highly matched internal resistors. These resistors are "laser-trimmed" to ensure precise gain accuracy and high CMRR, which are difficult to achieve using discrete components. * **Precision Op-Amp:** At its core is a low-distortion, high-speed operational amplifier capable of driving heavy loads. * **Gain Pin-Strapping:** The gain is determined by how the user connects the external pins. No external resistors are required to set gains of 0.5, 1, or 2, which saves PCB space and reduces thermal drift errors. --- ### 3. Application Areas Because of its high precision and speed, the AD8271 is commonly used in: 1. **ADC Drivers:** Providing the necessary signal scaling and buffering before an Analog-to-Digital converter. 2. **Instrumentation:** Precision measurement of differential signals in noisy environments. 3. **Level Shifting:** Translating signals between different voltage domains (e.g., ±10V to 0-5V). 4. **Current Sensing:** Measuring voltage drops across shunt resistors with high accuracy. --- ### 4. Part Number Breakdown (AD8271BRMZ-R7) Understanding the suffix helps in sourcing and manufacturing: * **AD8271:** The base model number. * **B:** Grade (indicates higher performance/tighter tolerances). * **RM:** Package type (MSOP-8). * **Z:** RoHS compliant / Lead-free. * **R7:** Packaging format (7-inch Reel, typically containing 1,000 units). ---
    ✨ Follow-up Questions
    • ⤷ How does the AD8271 compare to the AD8274 in terms of gain options?
    • ⤷ What are the advantages of using internal laser-trimmed resistors over external ones?
    • ⤷ Can the AD8271 be used in a single-supply configuration for 0-3.3V systems?