Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8330ACPZ-R7

  • AI
    The **AD8330ACPZ-R7** is a high-performance, wideband, voltage-controlled gain amplifier (VGA) manufactured by Analog Devices. It is designed for applications requiring a large dynamic range and precise gain control. --- ## 1. Technical Specifications Below are the primary electrical characteristics of the AD8330ACPZ-R7: | Parameter | Specification | | :--- | :--- | | **Gain Range** | 0 dB to 50 dB (continuously adjustable) | | **Bandwidth (-3 dB)** | 150 MHz | | **Slew Rate** | 1500 V/µs | | **Input Noise** | 5 nV/√Hz | | **Supply Voltage** | 2.7 V to 6.0 V | | **Operating Current** | ~20 mA | | **Package** | 16-Lead LFCSP (3mm x 3mm) | --- ## 2. Key Internal Components & Architecture The device utilizes a unique architecture to provide linear-in-dB gain control: ### A. Differential Signal Path The AD8330 is fully differential, meaning it handles two signals (positive and negative) to cancel out common-mode noise. This is critical in high-frequency RF and medical imaging applications. ### B. Gain Control Interface (VGAIN) The gain is controlled by a high-impedance voltage input. It follows a **linear-in-dB** characteristic, typically providing **30 mV/dB**. This simplifies the software/firmware required to calibrate signal levels. ### C. Output Stage The output can be used in either differential or single-ended modes. It includes an offset nulling circuit to ensure the DC output stays centered, preventing distortion in DC-coupled systems. --- ## 3. Pinout & Connectivity The **ACPZ-R7** suffix refers to the Lead Frame Chip Scale Package (LFCSP) and the 7-inch Tape and Reel packaging. | Pin Group | Function | | :--- | :--- | | **INHI / INLO** | Differential high-impedance inputs. | | **OPHI / OPLO** | Differential outputs. | | **VMAG** | Controls the output centering/clipping level. | | **VGAIN** | The analog control voltage pin for setting the gain. | | **MODE** | Switches between positive and negative gain slopes. | --- ## 4. Typical Applications * **Medical Imaging:** Used in Ultrasound Variable Gain Amplifiers (TGC - Time Gain Control). * **RF/IF Stages:** Automatic Gain Control (AGC) in receivers. * **Industrial:** High-speed data acquisition and signal conditioning. * **Video:** Gain stabilization for high-speed video transmission. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the linear-in-dB and linear-in-magnitude gain modes?
    • ⤷ How does the 'MODE' pin change the gain slope on the AD8330?
    • ⤷ What are the recommended decoupling capacitor values for the supply pins of this IC?