Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8332ARUZ-R7

  • AI
    ## Overview of AD8332ARUZ-R7 The **AD8332ARUZ-R7** is a high-performance, dual-channel **Variable Gain Amplifier (VGA)** designed primarily for ultrasound systems and professional sonar applications. It is manufactured by Analog Devices and belongs to a family of components optimized for high dynamic range and low noise. --- ### 1. Key Internal Blocks The device consists of three main functional stages per channel: | Component | Description | | :--- | :--- | | **LNA (Low Noise Amplifier)** | Acts as the first stage to amplify weak input signals while maintaining a high Signal-to-Noise Ratio (SNR). | | **VGA (Variable Gain Amplifier)** | Provides a linear-in-dB gain control, allowing the user to adjust the signal level dynamically. | | **Post-Amplifier** | Buffers the signal and allows for final gain adjustments or filtering before the signal hits an ADC. | --- ### 2. Technical Specifications The following table summarizes the primary electrical characteristics: | Parameter | Value / Specification | | :--- | :--- | | **Channels** | Dual (2 Channels) | | **Bandwidth** | 120 MHz (-3 dB) | | **Gain Range** | Up to 48 dB (Adjustable) | | **Noise Figure** | 3.5 nV/√Hz (at maximum gain) | | **Supply Voltage** | 5V Typical | | **Package Type** | TSSOP-20 (Thin Shrink Small Outline Package) | | **Operating Temp** | -40°C to +85°C | --- ### 3. Core Features * **Ultralow Noise:** Essential for medical imaging where tiny echoes must be detected without interference. * **Linear-in-dB Gain Control:** The gain is controlled by a voltage ($V_{GAIN}$), where the relationship between control voltage and decibel gain is a straight line. * **Active Impedance Matching:** The LNA allows for programmable input impedance to match various transducers without external resistors. * **Selectable Output Clamping:** Protects subsequent stages (like ADCs) from being overdriven by large signals. --- ### 4. Common Applications Due to its precision and high-speed capabilities, the AD8332 is found in: 1. **Medical Ultrasound:** Time-Gain Compensation (TGC) in imaging. 2. **Sonar Systems:** Adjusting gain based on water depth and echo return time. 3. **Communication Systems:** High-performance Automatic Gain Control (AGC) circuits. 4. **Test and Measurement:** High-speed signal conditioning. --- ### 5. Pin Configuration Example (Simplified) ```cpp // Logic-level representation of critical pins PIN_1: LMD1 // Low Noise Amp input (Ch 1) PIN_10: GAIN // Gain Control Voltage (Common for both channels) PIN_20: VOUT1 // Output Signal (Ch 1) ```
    ✨ Follow-up Questions
    • ⤷How does the Time Gain Control (TGC) work in the AD8332?
    • ⤷ What is the difference between the AD8332 and the AD8331?
    • ⤷ What are the recommended power supply decoupling techniques for this chip?