Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8352ACPZ-R7

  • AI
    ## Technical Overview of the AD8352ACPZ-R7 The **AD8352ACPZ-R7** is a high-performance, differential amplifier manufactured by Analog Devices. It is specifically designed to drive high-speed Analog-to-Digital Converters (ADCs) with extremely low distortion and low noise. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Bandwidth** | 2.2 GHz (-3 dB bandwidth) | | **Gain Range** | 0 dB to 24 dB (Set via external resistor) | | **Differential Input Impedance** | 200 $\Omega$ | | **Output Impedance** | 100 $\Omega$ (Differential) | | **Supply Voltage** | 3.0 V to 5.5 V | | **Power Consumption** | 37 mA at 5 V | | **Package Type** | 16-lead LFCSP (3mm x 3mm) | --- ### 2. Core Functional Components The internal architecture of the AD8352 is optimized for high-speed signal processing. Here are the primary electronic sections: 1. **Input Stage:** A differential input structure with an impedance of 200 $\Omega$. It is designed to interface easily with SAW filters and mixers. 2. **Gain Control (External):** Unlike fixed-gain amplifiers, the AD8352 uses an external resistor ($R_G$) to set the gain. This provides flexibility for various signal chain requirements. 3. **Distortion Cancellation:** The chip includes integrated circuitry to minimize second and third-order intermodulation products (IMD2/IMD3), ensuring high signal integrity even at frequencies above 500 MHz. 4. **Output Driver:** Designed to drive capacitive loads typical of high-speed CMOS ADCs. It maintains stability while providing a balanced differential output. --- ### 3. Pin Configuration Summary | Pin No. | Name | Function | | :--- | :--- | :--- | | 1, 4 | VPOS | Positive Supply Voltage | | 2, 3 | INHI / INLO | Differential RF Inputs | | 13, 16 | OPHI / OPLO | Differential RF Outputs | | 5, 8 | RGP1 / RGP2 | Gain Setting Resistor Pins | | 17 (Pad) | COMM | Common/Ground connection | --- ### 4. Typical Applications * **ADC Driving:** Primarily used as a buffer/amplifier for high-speed ADCs (e.g., AD92xx series). * **IF Sampling Receivers:** Used in cellular base stations and radio infrastructure. * **Instrumentation:** High-speed data acquisition systems. * **Differential Amplification:** Converting single-ended signals to differential using a balun before the input. --- ### 5. Implementation Example (Gain Calculation) The voltage gain ($A_V$) is determined by the external resistor $R_G$ connected between pins 5 and 8. The simplified formula is: ```python # Approximate Gain Calculation Logic # Gain (dB) = 20 * log10( (Rf / (Rg + Re)) + 1 ) # Where Rf and Re are internal resistance values. # Users typically refer to the datasheet 'Gain vs Rg' table. ```
    ✨ Follow-up Questions
    • ⤷What are the recommended layout practices for the AD8352 to minimize noise?
    • ⤷ How does the AD8352 compare to the ADL5562 in terms of power consumption?
    • ⤷ Can the AD8352 be used with a single-ended input source?