Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8364ACPZ-R2

  • AI
    ## Overview of the AD8364ACPZ-R2 The **AD8364ACPZ-R2** is a high-performance, dual-channel **logarithmic detector** (RMS-responding power detector) manufactured by Analog Devices. It is designed to accurately measure the power of radio frequency (RF) signals across a wide frequency range. --- ### Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Dual-Channel TruPwr™ Detector | | **Frequency Range** | Low Frequency (LF) to 2.7 GHz | | **Dynamic Range** | 60 dB | | **Measurement Accuracy** | ±0.5 dB (over temperature) | | **Input Range** | -55 dBm to +5 dBm (50 Ω) | | **Supply Voltage** | 4.5 V to 5.5 V | | **Package** | 32-Lead LFCSP (5mm x 5mm) | --- ### Key Electronic Functional Parts #### 1. Dual RMS Detectors The chip contains two independent signal paths (Channel A and Channel B). These are "True RMS" detectors, meaning they provide an accurate power reading regardless of the signal modulation (e.g., QAM, CDMA, or W-CDMA). #### 2. Logarithmic Amplifier Chain Internally, the device uses a series of cascading amplifiers and detectors to convert the input signal into a logarithmic scale. This allows the output voltage to be linearly proportional to the input power in **decibels (dB)**. #### 3. Differential Outputs & Measurement Modes The AD8364 can operate in several electronic modes: * **Measurement Mode:** Outputs a voltage proportional to the log of the input power. * **Difference Mode:** It calculates the difference between Channel A and Channel B ($V_{OUTA} - V_{OUTB}$), which is critical for Gain/Loss control or Antenna VSWR monitoring. * **Controller Mode:** Adjusts an external variable gain amplifier (VGA) or power amplifier to maintain a constant output level. #### 4. Temperature Sensor The part includes an internal temperature sensor output. Since RF performance often drifts with heat, this pin allows the system microcontroller to compensate for thermal changes in the RF chain. --- ### Pin Configuration & Integration ```c // Simplified logic for AD8364 Integration Input_RF_A --> [ RMS Detector A ] --\ >-- [ Difference Amp ] --> VOUT_DIFF Input_RF_B --> [ RMS Detector B ] --/ --> VOUT_A / VOUT_B (Log Power) ``` 1. **RFINA / RFINB:** High-impedance RF inputs (usually coupled via a capacitor). 2. **VREF:** Provides a stable 2.5V reference voltage. 3. **TEMP:** Output voltage proportional to the absolute temperature. 4. **PWDN:** Power-down pin to reduce current consumption to ~1.5 mA when the chip is idle. --- ### Common Applications * **RF Power Monitoring:** Measuring the output of a cellular base station. * **VSWR Measurement:** Comparing forward and reflected power in an antenna system. * **Automatic Gain Control (AGC):** Using the difference output to stabilize a signal loop.
    ✨ Follow-up Questions
    • ⤷ How does the 'TruPwr' technology differ from standard envelope detectors?
    • ⤷ What are the recommended values for the input coupling capacitors?
    • ⤷ How do you calibrate the slope and intercept of the AD8364?