Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8505ACBZ-R7

  • AI
    ## Overview of the AD8505ACBZ-R7 The **AD8505ACBZ-R7** is an ultra-low power, precision CMOS operational amplifier manufactured by **Analog Devices**. It is specifically designed for portable and battery-powered applications where power consumption is a critical constraint. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Number of Channels** | 1 (Single Op-Amp) | | **Supply Voltage (Single)** | 1.8 V to 5.5 V | | **Supply Current (per channel)** | 15 µA (Typical) | | **Gain Bandwidth Product (GBW)** | 95 kHz | | **Input Offset Voltage** | 500 µV (Maximum) | | **Input Bias Current** | 1 pA (Typical) | | **Rail-to-Rail** | Input and Output (RRIO) | | **Package / Case** | 5-WLCSP (Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Features * **Micropower Consumption:** Consuming only 15 µA typical, it significantly extends battery life in handheld devices. * **Low Input Bias Current:** The CMOS input stage ensures sub-picoampere bias currents, making it ideal for high-impedance sensors and photodiode transimpedance amplification. * **Rail-to-Rail Input/Output (RRIO):** This allows the amplifier to handle signal swings that cover the full range of the power supply, maximizing dynamic range in low-voltage systems. * **Precision Performance:** Despite the low power, it maintains a low offset voltage, reducing errors in DC precision circuits. --- ### 3. Pin Configuration (WLCSP Package) The AD8505ACBZ-R7 uses a tiny **5-ball WLCSP** package. The typical pinout for this single-channel op-amp is: 1. **Vout:** Output of the amplifier. 2. **V-:** Negative power supply (or Ground). 3. **Vin+:** Non-inverting input. 4. **Vin-:** Inverting input. 5. **V+:** Positive power supply. --- ### 4. Common Applications * **Portable Instruments:** Handheld multimeters and environmental sensors. * **Battery Management:** Current sensing and battery monitoring circuits. * **Medical Devices:** Wearable health monitors (e.g., heart rate or glucose monitors). * **Remote Sensors:** IoT nodes operating on coin-cell batteries or energy harvesting. --- ### 5. Implementation Example (Unity Gain Buffer) Below is a simple representation of how the AD8505 is used as a voltage follower to buffer a high-impedance signal. ```spice * Unity Gain Buffer Example * V1: Supply Voltage (e.g., 3V) * V2: Input Signal Vcc V+ 0 3V Vee V- 0 0V Vin Vin+ 0 1.5V * Connect Inverting Input to Output for Buffer X1 Vin+ Vout V+ V- Vout AD8505 ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8505 and the AD8506?
    • ⤷ Can the AD8505 be used in high-speed signal processing?
    • ⤷ What are the soldering precautions for the WLCSP package used by this chip?