Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8512ARMZ-R2

  • AI
    ### AD8512ARMZ-R2: Overview and Technical Specifications The **AD8512ARMZ-R2** is a high-precision, dual-channel, JFET-input operational amplifier manufactured by **Analog Devices**. It is widely recognized for its combination of low noise, low input bias current, and high speed. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8512ARMZ-R2: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | Dual (2) | | **Input Type** | JFET | | **Supply Voltage (Single)** | 9V to 30V | | **Supply Voltage (Dual)** | ±4.5V to ±15V | | **Slew Rate** | 20 V/µs | | **Gain Bandwidth Product** | 8 MHz | | **Input Bias Current** | 25 pA (Typical) | | **Input Offset Voltage** | 400 µV (Max) | | **Low Noise** | 8 nV/√Hz @ 1 kHz | | **Package / Case** | MSOP-8 (Micro Small Outline Package) | --- ### 2. Functional Description The "ARMZ" suffix indicates the package type (MSOP) and lead-free compliance, while "R2" typically refers to the tape and reel quantity or specific packing format. #### Core Features: * **JFET Input Stage:** Because it uses Junction Field-Effect Transistors at the input, it achieves extremely low input bias currents. This is critical for applications using high-impedance sensors. * **High Slew Rate:** At 20 V/µs, the amplifier can respond rapidly to large changes in input signals without significant distortion. * **Precision Performance:** It offers low offset voltage and low drift, ensuring accuracy over a range of temperatures. * **Settling Time:** It features a fast settling time (approx. 1 µs to 0.01%), making it ideal for driving Analog-to-Digital Converters (ADCs). --- ### 3. Common Applications The AD8512 is frequently used in precision instrumentation where signal integrity is paramount: 1. **Photodiode Transimpedance Amplifiers:** Due to the low bias current. 2. **Precision Filters:** High-speed and low-noise characteristics allow for sharp, clean filtering. 3. **Data Acquisition:** Acts as a buffer or gain stage for 12-bit to 16-bit ADCs. 4. **Audio Preamplifiers:** Favored in high-end audio for its low harmonic distortion and low noise floor. --- ### 4. Pin Configuration (MSOP-8) ```text +---U---+ OUT A | 1 8 | V+ -IN A | 2 7 | OUT B +IN A | 3 6 | -IN B V- | 4 5 | +IN B +-------+ ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD8512 and the AD8510/AD8513 variants?
    • ⤷ How does the JFET input specifically benefit high-impedance sensor applications?
    • ⤷ What are the thermal considerations for the MSOP-8 package in this device?