Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8542ARMZ-R21

  • AI
    ## Overview of the AD8542ARMZ-REEL The **AD8542ARMZ** is a high-performance, dual-channel, rail-to-rail input and output operational amplifier (op-amp) manufactured by **Analog Devices**. It is designed specifically for low-voltage, low-power applications such as battery-powered systems. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the AD8542 series: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage Range** | 2.7V to 5.5V | | **Supply Current (per amp)** | 45 µA (Typical) | | **Gain Bandwidth Product** | 1 MHz | | **Output Current** | 30 mA | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Slew Rate** | 0.8 V/µs | | **Input Bias Current** | 4 pA | --- ### 2. Core Features * **Rail-to-Rail Input/Output:** The amplifier can handle signals that swing very close to the supply rails, maximizing the dynamic range in low-voltage systems. * **Low Power Consumption:** With only 45 µA per amplifier, it is ideal for devices that require long battery life. * **High Output Drive:** Despite its low power consumption, it can drive relatively high currents (up to 30 mA), suitable for driving small loads or ASIC inputs. * **No Phase Reversal:** The AD8542 is designed to prevent phase reversal, which occurs in some op-amps when the input voltage exceeds the supply limits. --- ### 3. Pin Configuration (MSOP-8) The device follows a standard dual op-amp pinout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | OUT A | Output of Amplifier A | | 2 | -IN A | Inverting Input of Amplifier A | | 3 | +IN A | Non-inverting Input of Amplifier A | | 4 | V- | Negative Power Supply (or Ground) | | 5 | +IN B | Non-inverting Input of Amplifier B | | 6 | -IN B | Inverting Input of Amplifier B | | 7 | OUT B | Output of Amplifier B | | 8 | V+ | Positive Power Supply | --- ### 4. Typical Applications The AD8542ARMZ is commonly found in: * **ASIC Input/Output Amplifiers:** Buffering signals for microcontrollers. * **Sensor Interfaces:** Conditioning signals from photodiode sensors or temperature sensors. * **Portable Audio:** Low-power audio pre-amplification. * **Battery Monitoring:** Sensing voltage and current in mobile devices. --- ### 5. Part Number Breakdown * **AD8542:** The base model number (Dual CMOS Rail-to-Rail Op-Amp). * **ARMZ:** Indicates the package type (**M** for MSOP) and Lead-Free/RoHS compliance (**Z**). * **R2 / REEL:** Indicates the shipping method (Tape and Reel).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8541
    • ⤷ AD8542
    • ⤷ and AD8544?
    • ⤷ How does the rail-to-rail feature benefit low-voltage sensor circuits?
    • ⤷ Can the AD8542 be used in a single-supply configuration?