Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8544WARZ-R7

  • AI
    ## AD8544WARZ-R7: General Overview and Technical Specifications The **AD8544WARZ-R7** is a quad-channel, rail-to-rail input and output, single-supply operational amplifier manufactured by Analog Devices. It is specifically designed for low-power, high-density applications and is qualified for automotive use. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8544WARZ-R7: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 4 (Quad) | | **Supply Voltage (Single)** | 2.7 V to 5.5 V | | **Supply Current (per Amp)** | 45 µA (Typical) | | **Gain Bandwidth Product** | 1 MHz | | **Slew Rate** | 0.8 V/µs | | **Input Offset Voltage** | 1 mV (Typical) | | **Output Type** | Rail-to-Rail | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOIC-14 | --- ### 2. Core Features * **Rail-to-Rail I/O:** Both the input and output can swing across the entire supply voltage range, maximizing dynamic range in low-voltage systems. * **Low Power Consumption:** With only 45 µA per amplifier, it is ideal for battery-operated devices and portable electronics. * **Automotive Grade:** The "W" in the part number indicates it is qualified for automotive applications (AEC-Q100), ensuring reliability in harsh environments. * **High Input Impedance:** This makes it suitable for interfacing with high-impedance sensors. --- ### 3. Pin Configuration (SOIC-14) Below is the standard pinout representation for the quad-op-amp configuration: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 7, 8, 14 | **OUT A, B, C, D** | Output pins for the four amplifiers | | 2, 6, 9, 13 | **-IN A, B, C, D** | Inverting inputs | | 3, 5, 10, 12 | **+IN A, B, C, D** | Non-inverting inputs | | 4 | **V+** | Positive Supply Voltage | | 11 | **V- / GND** | Negative Supply or Ground | --- ### 4. Typical Applications The AD8544WARZ-R7 is commonly found in the following circuits: 1. **ASIC Input/Output Amplifiers:** Providing signal buffering for larger integrated circuits. 2. **Sensor Interfaces:** Amplifying signals from photodiode, temperature, or pressure sensors. 3. **Automotive Systems:** Used in engine control units (ECU), infotainment, and safety sensors. 4. **Portable Instrumentation:** Due to its low power draw and small footprint. --- ### 5. Part Number Decoding ```text AD 8544 W A R Z - R7 | | | | | | | | | | | | | +-- Tape and Reel (3,000 units) | | | | | +------ RoHS Compliant (Lead-Free) | | | | +-------- Standard Temperature Range/Revision | | | +---------- Automotive Qualified | | +------------ Quad Channel Version | +----------------- Low Power CMOS Op-Amp Series +-------------------- Analog Devices Prefix ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the AD8544 and the AD8542?
    • ⤷ How does 'Rail-to-Rail' input benefit a 3.3V system?
    • ⤷ Can this op-amp be used with a dual +/- 2.5V supply?