Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8551ARMZ-R2

  • AI
    ## Overview of the AD8551ARMZ-R2 The **AD8551ARMZ-R2** is a high-precision, zero-drift operational amplifier (Op-Amp) manufactured by Analog Devices. It is part of the AD855x family, known for its ultra-low offset voltage and high stability across temperature ranges. --- ### Core Specifications The following table outlines the primary electrical characteristics of the AD8551ARMZ-R2: | Parameter | Specification | | :--- | :--- | | **Architecture** | Zero-Drift (Chopper Stabilized) | | **Number of Channels** | 1 (Single Op-Amp) | | **Supply Voltage (Single)** | 2.7 V to 5.0 V | | **Offset Voltage (Max)** | 1 µV | | **Offset Drift** | 0.005 µV/°C | | **Gain Bandwidth Product** | 1.5 MHz | | **Input Bias Current** | 10 pA | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Output Type** | Rail-to-Rail Input/Output | --- ### Key Features 1. **Zero-Drift Technology**: It utilizes a "chopper-stabilized" architecture. This internal circuitry continuously corrects the input offset voltage, effectively eliminating offset drift over time and temperature. 2. **Rail-to-Rail Input/Output (RRIO)**: The amplifier can handle input and output signals that swing all the way to the positive and negative supply rails, maximizing dynamic range in low-voltage systems. 3. **Low Noise**: Despite being a chopper-stabilized amp, it maintains a low noise floor, making it ideal for high-gain DC applications. 4. **No 1/f Noise**: The auto-zeroing mechanism removes the low-frequency flicker noise (1/f noise) that typically plagues standard CMOS Op-Amps. --- ### Common Applications The AD8551 is typically used in environments where precision is critical and signal levels are very small: * **Temperature Sensors**: Interfacing with Thermocouples and RTDs. * **Precision Current Sensing**: Shunt resistor monitoring for power management. * **Medical Instrumentation**: High-accuracy ECG/EKG or pulse oximetry pre-amps. * **Strain Gauges**: Used in electronic scales and pressure sensors. --- ### Pin Configuration (MSOP-8) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 5, 8 | NC | No Connection | | 2 | -IN | Inverting Input | | 3 | +IN | Non-Inverting Input | | 4 | V- | Negative Supply (GND) | | 6 | OUT | Output | | 7 | V+ | Positive Supply | --- ### Design Considerations When using the AD8551ARMZ-R2 in a circuit, keep the following in mind: * **Decoupling**: Use a 0.1 µF ceramic capacitor placed very close to the V+ pin to filter out high-frequency noise. * **Layout**: Because of the extremely low offset (1 µV), parasitic thermocouple effects (caused by junctions of different metals on the PCB) can introduce more error than the Op-Amp itself. Keep traces symmetrical.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD8551 and the AD8552?
    • ⤷ How does 'Chopper Stabilization' affect the frequency response of an Op-Amp?
    • ⤷ What are the specific soldering requirements for the MSOP-8 package?