Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8555ACP-R2

  • AI
    ## Overview of the AD8555ACP-R2 The **AD8555ACP-R2** is a zero-drift, sensor signal amplifier with digitally programmable gain and output offset. It is specifically designed to bridge the gap between low-level sensor outputs (like pressure sensors or strain gauges) and Analog-to-Digital Converters (ADCs). --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Architecture** | Zero-Drift (Auto-zeroing) | | **Gain Range** | 70 to 1,280 (Digitally programmable) | | **Input Offset Voltage** | 10 µV (Maximum) | | **Offset Drift** | 0.05 µV/°C | | **Operating Voltage** | 2.7 V to 5.5 V | | **Package** | LFCSP-16 (3x3 mm) | | **Output Type** | Rail-to-Rail | --- ### 2. Functional Electronic Components The AD8555 integrates several sophisticated internal stages into a single silicon chip: 1. **Instrumentation Amplifier (In-Amp):** Provides high input impedance and high Common-Mode Rejection Ratio (CMRR), essential for extracting small signals from noisy environments. 2. **Digitally Programmable Gain (PGA):** Uses an internal resistor string and a digital control interface to adjust the gain. This allows for "in-circuit" calibration after the sensor has been mounted. 3. **Zero-Drift Circuitry:** Continuously corrects internal offset voltage. This eliminates 1/f noise and prevents DC errors from shifting over temperature or time. 4. **Low-Pass Filter (Programmable):** Includes a pin for an external capacitor to set the cutoff frequency, helping to reduce high-frequency noise before the signal reaches the ADC. 5. **OTP Memory:** Contains "One-Time Programmable" memory cells that allow the user to permanently lock the gain and offset settings once calibration is complete. --- ### 3. Pin Configuration Highlights | Pin | Name | Description | | :--- | :--- | :--- | | 1, 16 | VNEG / VPOS | Power supply pins (Negative and Positive). | | 4, 5 | VIN- / VIN+ | Differential inputs for the sensor signal. | | 10 | VOUT | Analog output signal. | | 13 | DIGIN | Digital input used for programming gain/offset via a serial interface. | | 12 | FILT/ADJ | Connection for external capacitor to limit bandwidth. | --- ### 4. Typical Applications * **Pressure Sensors:** Compensating for bridge sensor imbalances. * **Strain Gauges:** Precise measurement of mechanical deformation. * **Thermocouples:** High-gain amplification for microvolt signals. * **Industrial Process Control:** Bridge-to-4-20mA converters. ---
    ✨ Follow-up Questions
    • ⤷ How does the 'Zero-Drift' feature improve accuracy in sensor applications?
    • ⤷ What is the process for programming the OTP memory in the AD8555?
    • ⤷ Can the AD8555 be used with a single-supply 3.3V system?