Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8555ACPZ-R2

  • AI
    The **AD8555ACPZ-R2** is a high-precision, zero-drift instrumentation amplifier manufactured by Analog Devices. It is specifically designed for sensor signal conditioning, such as bridge sensors and pressure transducers. --- ### 1. Key Specifications The following table highlights the core technical parameters of the AD8555ACPZ-R2: | Parameter | Specification | | :--- | :--- | | **Architecture** | Zero-Drift (Auto-Zeroing) | | **Gain Range** | 70 to 1,280 (Digitally Programmable) | | **Input Offset Voltage** | 10 µV (Maximum) | | **Offset Drift** | 0.05 µV/°C | | **Operating Voltage** | 2.7 V to 5.5 V | | **Package** | 16-Lead LFCSP (3mm x 3mm) | | **Output Type** | Rail-to-Rail | --- ### 2. Core Functional Features #### A. Digital Programmability Unlike traditional instrumentation amplifiers that require external resistors to set gain, the AD8555 uses **DigiTrim®** technology. This allows the user to program: * **Gain:** Adjustable via a serial interface. * **Output Offset:** The output level can be shifted to match the input range of an ADC. #### B. Zero-Drift Technology The internal "chopper" or auto-zeroing architecture continuously corrects for offset voltage and 1/f noise (flicker noise). This ensures high DC precision even across wide temperature fluctuations. #### C. Fault Detection and Filtering * **Open/Short Detection:** It includes circuitry to detect if sensor wires are broken. * **Low-Pass Filter:** It features an integrated pin for adding an external capacitor to create a low-pass filter, reducing high-frequency noise before the signal reaches the ADC. --- ### 3. Application Use Cases Because of its high gain and low drift, it is commonly used in: 1. **Automotive Sensors:** Pressure sensing in transmissions and braking systems. 2. **Industrial Process Control:** Strain gauge measurements and weight scales. 3. **Medical Instrumentation:** Precision monitoring devices requiring low noise. --- ### 4. Typical Connection Diagram (Pseudo-Code Representation) The device is controlled via a simple serial pulse interface on the `V_DIG` pin. ```c // Example logic for programming gain (conceptual) void set_gain(int pulses) { for(int i = 0; i < pulses; i++) { digitalWrite(VDIG_PIN, HIGH); delayMicroseconds(10); digitalWrite(VDIG_PIN, LOW); delayMicroseconds(10); } // Permanent blow of polyfuse happens after programming is finalized } ```
    ✨ Follow-up Questions
    • ⤷How does the DigiTrim technology differ from standard digital potentiometers?
    • ⤷ What are the specific pin functions of the 16-lead LFCSP package?
    • ⤷ Can the AD8555 be used with a dual-polarity power supply?