Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8557ACPZ-R2

  • AI
    The **AD8557ACPZ-R2** is a high-precision, programmable-gain instrumentation amplifier designed primarily for sensor interfacing and signal conditioning. It is manufactured by Analog Devices and features patented "auto-zero" technology to minimize offset voltage and drift. --- ## 1. Key Technical Specifications Below are the primary electrical characteristics of the AD8557: | Parameter | Specification | | :--- | :--- | | **Architecture** | Chopper-stabilized (Auto-zero) | | **Gain Range** | 28 to 1300 (Programmable) | | **Input Offset Voltage** | 2 µV (typical) | | **Offset Drift** | 0.01 µV/°C | | **Supply Voltage** | 2.7 V to 5.5 V | | **Output Type** | Rail-to-Rail | | **Package** | 16-lead LFCSP (Lead Frame Chip Scale Package) | --- ## 2. Core Features & Functionality ### A. Programmable Gain The device allows the gain to be adjusted via a serial interface. This is highly useful for systems where sensors might have varying output levels, as it eliminates the need for external precision resistors. ### B. Digitally Programmable Offset Users can null out the system-level offset (caused by the sensor itself) through the digital interface. This ensures that the output signal utilizes the full dynamic range of the subsequent Analog-to-Digital Converter (ADC). ### C. Low-Pass Filtering The AD8557 includes an integrated low-pass filter with a programmable corner frequency. This helps in suppressing high-frequency noise that could alias into the measurement band. ### D. Fault Detection The chip includes "Open/Short" detection for sensor leads, making it suitable for automotive and industrial safety applications. --- ## 3. Typical Applications The AD8557 is commonly used in environments requiring extreme precision over a wide temperature range: * **Strain Gages:** Bridge-based pressure and force sensors. * **Thermocouples:** Precision temperature measurement. * **Automotive Sensors:** Oil pressure, fuel level, and manifold pressure. * **Industrial Control:** Process control loops (4-20mA systems). --- ## 4. Pin Configuration Example (General) The 16-lead LFCSP package is compact (3mm x 3mm). While a full schematic requires the datasheet, the primary logic is: ```markdown - VDD/VSS: Power Supply Pins - VIN+/VIN-: Differential Inputs from Sensor - VOUT: Amplified Analog Output - DIG_IN: Digital interface for Gain/Offset programming - FILT: External capacitor connection for filtering ```
    ✨ Follow-up Questions
    • ⤷ How does the auto-zero technology in the AD8557 compare to standard instrumentation amplifiers?
    • ⤷ What are the specific steps to program the gain using the serial interface?
    • ⤷ Can the AD8557 be used in a single-supply 3.3V system?