Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8564

  • AI
    ## Overview of the AD8564 The **AD8564** is a high-speed, quad-channel comparator manufactured by Analog Devices. It is designed for applications requiring fast signal processing with low power consumption. Because it is a "quad" package, it contains four independent comparators in a single integrated circuit (IC). --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | 4 (Quad) | | **Propagation Delay** | 7 ns (Typical) | | **Supply Voltage Range** | 3 V to 5 V (Single or Dual) | | **Supply Current** | 6 mA per Comparator | | **Input Offset Voltage** | 2 mV | | **Output Type** | CMOS/TTL Compatible | | **Package Options** | 16-lead SOIC, TSSOP | --- ### 2. Core Features * **High Speed:** With a 7 ns propagation delay, it is ideal for high-frequency signal detection and timing. * **Flexible Power Supply:** It can operate on a single +5V supply or a dual ±5V supply, allowing it to interface with both ground-referenced and negative-swing signals. * **Separate Input/Output Sections:** The device features separate power supply pins for the input and output stages. This helps isolate the high-speed output switching noise from the sensitive input circuitry. * **Latching Capability:** It includes a "Latch" pin that allows the user to hold the output state regardless of changes in the input signal. --- ### 3. Pin Configuration (Functional) While specific pin numbers vary by package, the functional breakdown is as follows: * **Inputs (+IN / -IN):** High-impedance differential inputs. * **Outputs (OUT):** Push-pull outputs that drive logic levels (TTL/CMOS). * **V+ / V-:** Power supply pins. * **LE (Latch Enable):** When high, the comparator tracks the input; when low, the current state is "latched" or frozen. * **GND:** Reference ground. --- ### 4. Common Applications 1. **High-Speed Line Receivers:** Converting distorted differential signals back into clean digital logic. 2. **Peak Detectors:** Identifying the highest voltage point in a fast-moving waveform. 3. **Threshold Detectors:** Monitoring sensors where immediate response is required (e.g., over-current protection). 4. **Zero-Crossing Detectors:** Precise timing for AC power synchronization. --- ### 5. Design Considerations * **Bypassing:** Due to the 7 ns speed, high-frequency power supply bypassing (using 0.1 µF ceramic capacitors) is mandatory to prevent oscillations. * **Layout:** A ground plane is highly recommended to minimize parasitic inductance and crosstalk between the four channels. * **Input Range:** Ensure the input common-mode voltage stays within the specified range to avoid "phase reversal" or damage.
    ✨ Follow-up Questions
    • ⤷ How does the AD8564 compare to the AD8561 single-channel version?
    • ⤷ Can the AD8564 be used with 3.3V logic levels?
    • ⤷ What is the function of the Latch Enable pin in high-speed data acquisition?