Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8564AR

  • AI
    ## Overview of the AD8564AR The **AD8564AR** is a high-speed, quad-channel comparator designed by Analog Devices. It is widely used in high-speed signaling, timing recovery, and communication systems due to its fast response time and low power consumption. ### Key Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | 4 (Quad) | | **Propagation Delay** | 7 ns (typical) | | **Supply Voltage (Single)** | +5 V | | **Supply Voltage (Dual)** | ±5 V | | **Input Common-Mode Range** | Includes negative rail | | **Output Type** | Rail-to-Rail / CMOS / TTL Compatible | | **Package Type** | 16-lead SOIC_N | --- ### Internal Architecture and Pins The AD8564AR consists of four independent comparators in a single package. Because it is a "quad" device, it is highly space-efficient for multi-channel applications. #### Functional Block Components: 1. **Input Stage:** Optimized for high-speed differential signals with low bias current. 2. **Latch Function:** Some versions of the AD8564 series include a latch enable pin, allowing the user to "freeze" the output state at a specific moment. 3. **Output Stage:** Designed to drive TTL/CMOS logic levels directly, making it easy to interface with Microcontrollers (MCUs) or FPGAs. --- ### Key Technical Advantages * **Speed vs. Power:** With a 7 ns propagation delay, it is extremely fast for its power class, consuming only about 4 mA per comparator. * **Stability:** It is designed to be stable even with large input swings, reducing the risk of oscillation common in high-speed comparators. * **Rail-to-Rail Outputs:** Ensures that the output signal swings close to the supply rails, maximizing noise margin for subsequent digital logic. --- ### Common Applications * **Line Receivers:** Converting distorted differential signals back into clean digital pulses. * **PWM Generation:** Used in high-frequency switching power supplies or motor controllers. * **Clock Recovery:** Restoring timing signals in communication backplanes. * **Zero-Crossing Detectors:** Identifying when an AC signal crosses 0V for timing or synchronization. --- ### Comparison with Similar Parts | Part Number | Channels | Speed (ns) | Key Difference | | :--- | :--- | :--- | :--- | | **AD8564** | 4 | 7 | Quad version, standard high speed | | **AD8561** | 1 | 7 | Single channel version of the same family | | **LM339** | 4 | 1300 | Much slower, but very low cost and low power |
    ✨ Follow-up Questions
    • ⤷ What are the power decoupling requirements for the AD8564AR to ensure high-speed stability?
    • ⤷ How does the latch enable function work on the AD8564 series?
    • ⤷ Can the AD8564AR be used with a single 3.3V power supply?