Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8566ARM-R2

  • AI
    The **AD8566ARM-R2** is a high-performance, dual operational amplifier (Op-Amp) manufactured by Analog Devices. It is specifically designed for applications requiring high output drive capability and low power consumption, making it a staple in LCD panel electronics and portable instrumentation. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8566ARM-R2: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual Op-Amp) | | **Supply Voltage Range** | 4.5 V to 16.0 V | | **Output Current** | 250 mA (Peak) | | **Gain Bandwidth Product** | 5 MHz | | **Slew Rate** | 6 V/µs | | **Package Type** | MSOP-8 (ARM prefix) | | **Rail-to-Rail** | Input and Output (RRIO) | | **Supply Current** | 700 µA per amplifier | --- ### 2. Core Functional Features * **High Output Drive:** One of its most defining features is the ability to drive high-capacitance loads and provide up to 250 mA of peak current. This is critical for driving the "VCOM" (common voltage) plane in LCD screens. * **Rail-to-Rail Input/Output:** This allows the signal to swing very close to the supply rails (both positive and negative), maximizing the dynamic range of the signal processing. * **Low Power Consumption:** Despite its high output current capability, its quiescent current is remarkably low, which is vital for battery-operated devices. * **Thermal Protection:** The device includes internal circuitry to protect against overheating during high-current events. --- ### 3. Pin Configuration (MSOP-8) | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | OUT A | Output of Channel A | | 2 | -IN A | Inverting Input of Channel A | | 3 | +IN A | Non-inverting Input of Channel A | | 4 | V- | Negative Power Supply / Ground | | 5 | +IN B | Non-inverting Input of Channel B | | 6 | -IN B | Inverting Input of Channel B | | 7 | OUT B | Output of Channel B | | 8 | V+ | Positive Power Supply | --- ### 4. Typical Applications The AD8566ARM-R2 is commonly integrated into the following systems: 1. **LCD Gamma Buffers:** Used to provide the reference voltages for the LCD panel. 2. **VCOM Drivers:** Driving the backplane of TFT-LCD displays. 3. **Portable Instrumentation:** Signal conditioning in handheld devices where power efficiency is a priority. 4. **ASIC Reference Buffers:** Providing stable reference voltages for large integrated circuits. --- ### 5. Part Number Breakdown * **AD8566:** The base model number. * **ARM:** Refers to the **MSOP-8** package and temperature range. * **R2:** Indicates the reel size/packaging format (typically a 7-inch reel for automated assembly).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8566 and the AD8567?
    • ⤷ Can the AD8566 be used in single-supply 3.3V applications?
    • ⤷ What are the heat dissipation considerations for driving 250mA loads?