Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8597ACPZ-R2

  • AI
    ## Technical Overview of the AD8597ACPZ-R2 The **AD8597ACPZ-R2** is a high-precision, ultra-low noise, low distortion operational amplifier manufactured by **Analog Devices**. It is designed specifically for applications requiring high signal integrity, such as professional audio and precision instrumentation. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Single Operational Amplifier | | **Voltage Noise Density** | 1.1 nV/√Hz @ 1 kHz | | **THD + Noise** | -120 dB @ 1 kHz | | **Gain Bandwidth Product** | 28 MHz | | **Slew Rate** | 16 V/µs | | **Supply Voltage Range** | ±5 V to ±15 V | | **Package Type** | LFCSP (Lead Frame Chip Scale Package) | | **Pin Count** | 8 Pins | --- ### 2. Core Electronic Characteristics #### A. Ultra-Low Noise Profile The standout feature of the AD8597 is its **1.1 nV/√Hz** voltage noise. This makes it ideal for amplifying very small signals (like those from sensors or high-end microphones) without adding significant background hiss or thermal noise. #### B. Low Distortion With a Total Harmonic Distortion plus Noise (THD+N) of **-120 dB**, the part ensures that the output signal is an almost perfect replica of the input. This is critical in high-fidelity audio signal paths where "coloring" the sound must be avoided. #### C. Power Management and Thermal Pad The `ACPZ` suffix denotes the **LFCSP** package. This package includes an exposed thermal pad on the bottom. In a PCB layout, this pad should be soldered to a ground plane or a specific heat-sink area to manage the heat generated during high-speed operation. --- ### 3. Application Use Cases * **Professional Audio:** Preamplifiers, mixing consoles, and high-end DAC buffers. * **Precision Instrumentation:** Signal conditioning for high-resolution 16-bit and 18-bit ADCs. * **Medical Equipment:** Ultrasound preamps and low-noise sensor interfaces. * **Active Filters:** Designing high-order filters with minimal phase error. --- ### 4. Part Number Breakdown * **AD8597:** Core part number (Single Op-Amp). * **ACPZ:** Package indicator (LFCSP - Lead Frame Chip Scale Package). * **R2:** Packaging format (Typically indicates 250-piece reel size). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8597 and its dual-channel version
    • ⤷ the AD8599?
    • ⤷ What are the PCB layout recommendations for the LFCSP package to minimize noise?
    • ⤷ How does the AD8597 compare to the OPA1611 in audio applications?