Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8601ART-R2

  • AI
    ## Overview of AD8601ART-R2 The **AD8601ART-R2** is a high-performance CMOS operational amplifier (op-amp) manufactured by Analog Devices. It is known for its single-supply operation, rail-to-rail input/output capabilities, and extremely low offset voltage. The "ART" suffix typically denotes the package type (SOT-23-5), and "R2" refers to the reel size for automated assembly. --- ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Supply Voltage** | 2.7 V to 5.5 V | | **Offset Voltage (Max)** | 500 µV | | **Input Bias Current** | 1 pA (typical) | | **Bandwidth (Gain Bandwidth)** | 8 MHz | | **Slew Rate** | 6 V/µs | | **Operating Temperature** | -40°C to +125°C | | **Package** | SOT-23-5 (5-pin Small Outline Transistor) | --- ### 2. Core Electronic Features #### Rail-to-Rail Input and Output (RRIO) Unlike traditional op-amps where the output swing is limited by the power rails, the AD8601 allows both the input and output signals to reach the full range of the supply voltage. This is critical for low-voltage systems (e.g., 3.3V) where every millivolt of dynamic range matters. #### Low Input Bias Current Utilizing **DigiTrim®** technology and a CMOS architecture, the device has an extremely low input bias current (typically 1 pA). This makes it ideal for: * Photodiode amplifiers. * High-impedance sensor interfaces. * Precision integrators. #### Low Offset Voltage The device undergoes digital trimming during the manufacturing process to minimize offset voltage. This ensures high DC accuracy without the need for external calibration. --- ### 3. Pin Configuration (SOT-23-5) The AD8601ART-R2 uses a standard 5-pin layout: | Pin Number | Signal Name | Description | | :--- | :--- | :--- | | 1 | **OUT** | Amplifier Output | | 2 | **V-** | Negative Supply (or Ground) | | 3 | **+IN** | Non-inverting Input | | 4 | **-IN** | Inverting Input | | 5 | **V+** | Positive Supply | --- ### 4. Typical Application Circuit Below is a simple representation of a non-inverting amplifier configuration using the AD8601: ```text V+ (5V) | [Pin 5] | IN ----[Pin 3 (+)] | [Pin 1 (OUT)] ---- OUTPUT | | --[Pin 4 (-)] | [R2] | +----[R1]---- GND ``` --- ### 5. Common Use Cases * **Battery Powered Instrumentation:** Due to its low power consumption and wide temperature range. * **Audio Preamplifiers:** Good slew rate and low noise allow for high-quality signal processing. * **ASIC Input/Output Buffers:** Used to interface sensitive digital chips with analog signals. * **Medical Equipment:** High precision and reliability in small form factors.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8601 and the AD8602?
    • ⤷ Can the AD8601 be used in a dual-supply (+/- 2.5V) configuration?
    • ⤷ How does the DigiTrim technology improve the performance of this op-amp?