Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8601DRT-R2

  • AI
    ## AD8601DRT-R2: Overview and Technical Specifications The **AD8601DRT-R2** is a high-precision, low-power, CMOS operational amplifier (op-amp) manufactured by **Analog Devices**. It is known for its rail-to-rail input and output capabilities and is optimized for low-voltage applications. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the AD8601DRT-R2: | Parameter | Specification | | :--- | :--- | | **Type** | CMOS Operational Amplifier | | **Number of Channels** | 1 (Single) | | **Supply Voltage (Single)** | 2.7V to 5.5V | | **Supply Voltage (Dual)** | ±1.35V to ±2.75V | | **Gain Bandwidth Product (GBW)** | 8 MHz | | **Slew Rate** | 6 V/µs | | **Input Offset Voltage** | 500 µV (Typical) | | **Supply Current (per channel)** | 750 µA | | **Package / Case** | SOT-23-5 (RT-5) | --- ### 2. Core Functional Features * **Rail-to-Rail Input/Output:** Unlike standard op-amps that clip signals near the power rails, the AD8601 can handle signals that span the full range of the supply voltage. * **Low Input Bias Current:** Utilizing CMOS technology, it features extremely low input bias currents (typically 1 pA), making it ideal for high-impedance sensor interfaces. * **High Speed vs. Low Power:** With an 8 MHz bandwidth and a 6 V/µs slew rate, it offers a strong performance-to-power ratio. * **No Phase Reversal:** The device is designed to prevent phase reversal when the input voltage exceeds the supply rails. --- ### 3. Application Use Cases The AD8601DRT-R2 is commonly integrated into the following systems: 1. **Portable Instrumentation:** Due to its low power consumption and small footprint (SOT-23). 2. **Battery-Powered Medical Devices:** Used in ECG monitors or glucose meters where precision and power efficiency are critical. 3. **Photodiode Amplification:** The low bias current allows for accurate conversion of light to voltage without significant error. 4. **Audio Preamplification:** Provides clean signal processing for low-voltage audio circuits. --- ### 4. Pin Configuration (SOT-23-5) | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **OUT** | Output of the amplifier | | 2 | **V-** | Negative Power Supply (or Ground) | | 3 | **+IN** | Non-inverting Input | | 4 | **-IN** | Inverting Input | | 5 | **V+** | Positive Power Supply | --- ### 5. Part Number Breakdown: AD8601DRT-R2 * **AD8601:** The base model number for the single CMOS op-amp. * **D:** Grade indicator (specifies accuracy/temperature ranges). * **RT:** Package code for SOT-23-5. * **R2:** Packaging suffix, typically indicating the quantity or reel size (e.g., 7-inch reel with 250 or 3000 units depending on specific distributor standards).
    ✨ Follow-up Questions
    • ⤷ How does the AD8601 compare to the AD8602 or AD8604 in terms of channel count?
    • ⤷ What is the typical noise performance (Voltage Noise Density) for this op-amp?
    • ⤷ Can the AD8601 be used in a 3.3V logic system without level shifting?