Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8602ARM-R2

  • AI
    ## Technical Overview of the AD8602ARM-R2 The **AD8602ARM-R2** is a high-performance, CMOS, dual operational amplifier manufactured by Analog Devices. It is part of the AD860x family, known for its precision, low noise, and "Rail-to-Rail" input and output capabilities. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 2.7 V to 5.5 V | | **Supply Voltage (Dual)** | ±1.35 V to ±2.75 V | | **Gain Bandwidth Product** | 8 MHz | | **Slew Rate** | 5 V/µs | | **Offset Voltage** | 500 µV (Typical) | | **Input Bias Current** | 1 pA | | **Package Type** | MSOP-8 (ARM designates the package) | --- ### Electronic Characteristics #### 1. Rail-to-Rail Input and Output (RRIO) Unlike standard op-amps where the output voltage is limited by the power supply rails, the AD8602 allows the signal to swing very close to both the positive supply and the ground. This is critical for low-voltage systems (like 3.3V logic) to maximize the **dynamic range**. #### 2. Low Noise and Precision With a very low input bias current (typically **1 pA**) and low offset voltage, this part is ideal for high-impedance sensor interfaces. It ensures that the amplifier itself does not introduce significant errors into the signal path. #### 3. Power Consumption The device is optimized for battery-powered applications, consuming roughly **750 µA** per amplifier. Despite the low power draw, it maintains a wide bandwidth of **8 MHz**, allowing it to handle relatively high-frequency signals. --- ### Typical Applications * **Photodiode Amplification:** Due to the ultra-low input bias current. * **Battery-Powered Instrumentation:** Efficient power usage and low-voltage operation. * **Audio Pre-amplification:** Low noise and high bandwidth provide clear signal reproduction. * **Sensor Interfaces:** Ideal for thermocouples and strain gauges. --- ### Package Pinout (MSOP-8) ```text +---U---+ OUT A | 1 8 | V+ -IN A | 2 7 | OUT B +IN A | 3 6 | -IN B V- | 4 5 | +IN B +-------+ ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8602 and the AD8601 or AD8604 versions?
    • ⤷ How does the 'R2' suffix in the part number affect ordering or packaging?
    • ⤷ Can this op-amp be used in a single-supply 5V automotive environment?