Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8604ARQZ-R7

  • AI
    The **AD8604ARQZ-R7** is a high-performance, quad-channel operational amplifier (op-amp) manufactured by **Analog Devices**. It is part of a family known for its DigiTrim® technology, which ensures low offset voltage. --- ### ## Technical Specifications Below is a breakdown of the primary electrical characteristics for the AD8604 series: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 4 (Quad) | | **Input/Output Type** | Rail-to-Rail | | **Supply Voltage (Single)** | 2.7 V to 5.5 V | | **Supply Voltage (Dual)** | ±1.35 V to ±2.75 V | | **Gain Bandwidth Product** | 8 MHz | | **Slew Rate** | 6 V/µs | | **Offset Voltage (Max)** | 500 µV | | **Supply Current (per Amp)** | 750 µA | | **Operating Temperature** | -40°C to +125°C | --- ### ## Key Features & Technologies ### 1. Rail-to-Rail Input and Output The AD8604 allows the input and output signals to swing almost to the full range of the positive and negative supply rails. This is critical in low-voltage systems (like 3.3V or 5V logic) to maximize dynamic range. ### 2. DigiTrim® Technology Analog Devices uses a patented digital trimming technique during the final stages of manufacturing. This minimizes the input offset voltage, reducing the need for external calibration in precision circuits. ### 3. Low Noise and Distortion With low input bias current and low voltage noise, this part is ideal for buffering high-impedance sensors and audio pre-amplification. --- ### ## Package and Ordering Information The suffix in the part number provides specific logistical details: * **ARQZ**: Indicates the package type. The "RQ" stands for the **16-lead QSOP** (Quarter Size Outline Package), which is much smaller than a standard SOIC, saving PCB space. The "Z" indicates it is RoHS compliant (Lead-free). * **R7**: Refers to the packaging format. "R7" indicates a **7-inch Tape and Reel**, typically containing 1,000 units. --- ### ## Common Applications * **Photodiode Amplification:** Due to low input bias currents. * **Battery-Powered Instrumentation:** Low power consumption extends battery life. * **Audio Outputs:** Suitable for line drivers in portable devices. * **ASIC Input/Output Buffers:** Driving Analog-to-Digital Converters (ADCs).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8604 and the AD8602?
    • ⤷ Can the AD8604 be used in a 12V system?
    • ⤷ How does the QSOP package compare to a standard SOIC in terms of footprint?