Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8606ARM-R2

  • AI
    ## Overview of the AD8606ARM-R2 The **AD8606ARM-R2** is a high-precision, dual-channel, rail-to-rail input and output operational amplifier (Op-Amp) manufactured by Analog Devices. It belongs to the DigiTrim® family, which offers very low offset voltage and high performance for low-voltage applications. --- ### Key Technical Specifications The following table summarizes the core electronic parameters of the AD8606ARM-R2: | Parameter | Value / Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 2.7 V to 5.5 V | | **Supply Voltage (Dual)** | ±1.35 V to ±2.75 V | | **Input Offset Voltage (Max)** | 65 µV | | **Gain Bandwidth Product** | 9 MHz | | **Slew Rate** | 5 V/µs | | **Input Bias Current (Max)** | 1 pA | | **Output Current** | 80 mA | | **Package Type** | MSOP-8 (ARM prefix) | | **Operating Temperature** | -40°C to +125°C | --- ### Electronic Features & Advantages 1. **Rail-to-Rail Input/Output (RRIO):** The amplifier can handle input and output signals that swing all the way to the positive and negative supply rails, maximizing dynamic range in low-voltage systems. 2. **Low Noise and Low Distortion:** It features a low voltage noise density (approximately $6.5 \, \text{nV}/\sqrt{\text{Hz}}$), making it ideal for audio and sensor signal conditioning. 3. **High Output Drive:** Despite its small footprint, it can drive up to 80 mA of load current, allowing it to interface directly with relatively heavy loads or drive ADC reference pins. 4. **DigiTrim® Technology:** This is a proprietary trimming technique used during manufacturing to minimize input offset voltage, ensuring high DC accuracy without the need for external calibration. --- ### Internal Functional Block (Simplified) Below is a representation of how the pins are configured in the MSOP-8 package: ```text AD8606ARM (MSOP-8) +-------U-------+ OUT A| 1 8 | V+ -IN A| 2 7 | OUT B +IN A| 3 6 | -IN B V-| 4 5 | +IN B +---------------+ ``` --- ### Common Applications * **Photodiode Amplification:** Due to its ultra-low input bias current (1 pA). * **Battery-Powered Instrumentation:** Low power consumption and low voltage operation. * **Audio Preamplifiers:** High fidelity and low noise. * **ADC Buffering:** Providing a stable, low-impedance input for Analog-to-Digital Converters. * **Precision Filters:** High bandwidth allows for accurate active filter designs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD8606 and the AD8605 or AD8608 variants?
    • ⤷ How does the 'R2' suffix impact the ordering or packaging of this part?
    • ⤷ Can the AD8606 be used in a single-supply 3.3V system for high-speed signals?