Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8606ARMZ-R2

  • AI
    ## Overview of AD8606ARMZ-R2 The **AD8606ARMZ-R2** is a high-precision, dual-channel, rail-to-rail input and output (RRIO) operational amplifier manufactured by **Analog Devices**. It is part of the DigiTrim® family, which utilizes a patented trimming technique to achieve high accuracy without the need for laser trimming. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | Dual (2) | | **Supply Voltage (Single)** | 2.7 V to 5.5 V | | **Offset Voltage (Max)** | 65 µV | | **Bandwidth (GBP)** | 9 MHz | | **Slew Rate** | 5 V/µs | | **Input Bias Current** | 1 pA (typical) | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Operating Temperature** | -40°C to +125°C | --- ### Core Features and Advantages 1. **Low Noise:** It features very low voltage noise (8 nV/√Hz), making it ideal for sensitive instrumentation and audio pre-amplification. 2. **Low Input Bias Current:** With pico-ampere level bias current, it is excellent for photodiode amplification and high-impedance sensor interfaces. 3. **Rail-to-Rail I/O:** Both the input and output can swing to the full range of the power supply rails, maximizing dynamic range in low-voltage systems. 4. **Low Offset Drift:** The DigiTrim technology ensures that the offset voltage remains stable across the entire operating temperature range. --- ### Typical Applications * **Photodiode Amplifiers:** Due to the ultra-low input bias current. * **Battery Powered Instrumentation:** High efficiency and rail-to-rail performance at low voltages. * **Medical Equipment:** Used in ECG/EKG monitors and pulse oximeters. * **Audio Line Drivers:** Low distortion and low noise provide high-fidelity signal paths. --- ### Package and Part Number Decoding The suffix **"ARMZ-R2"** provides specific information regarding the physical format: * **ARMZ:** Indicates the MSOP-8 (Micro Small Outline Package), which is RoHS compliant (Z). * **R2:** Refers to the "Reel 2" packaging size (typically a 7-inch reel containing 250 units), though standard tape and reel options vary. --- ### Simple Example Circuit (Buffer) To use the AD8606 as a simple voltage follower (buffer) to isolate a high-impedance source: ```python # Pin Connections for MSOP-8 (Dual Op-Amp) # Pin 1: Output A # Pin 2: Inverting Input A (-) # Pin 3: Non-inverting Input A (+) # Pin 4: V- (Ground for single supply) # Pin 5: Non-inverting Input B (+) # Pin 6: Inverting Input B (-) # Pin 7: Output B # Pin 8: V+ (Supply 2.7V - 5.5V) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the AD8605 and AD8606?
    • ⤷ Can the AD8606 handle bipolar power supplies?
    • ⤷ What are the specific thermal characteristics of the MSOP-8 package?