Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8616ARMZ-R21

  • AI
    The **AD8616ARMZ-R21** is a high-precision, dual-channel operational amplifier (Op-Amp) manufactured by Analog Devices. It is widely recognized for its "DigiTrim" technology, which offers excellent offset voltage trimming and low noise performance. --- ### 1. Key Technical Specifications The following table highlights the critical electrical characteristics of the AD8616: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Amplifier Type** | Rail-to-Rail Input/Output (RRIO) | | **Gain Bandwidth Product** | 20 MHz | | **Slew Rate** | 12 V/µs | | **Voltage Supply (Single)** | 2.7 V to 5.5 V | | **Input Offset Voltage** | 65 µV (Typical) | | **Input Bias Current** | 1 pA (Typical) | | **Package Type** | MSOP-8 (8-Lead Micro Small Outline Package) | --- ### 2. Core Features * **Rail-to-Rail Performance:** Unlike standard Op-Amps, this device allows both input and output signals to swing very close to the power supply rails (V+ and V-), maximizing the dynamic range for low-voltage systems. * **Low Noise & Distortion:** With a noise density of only **8 nV/√Hz**, it is ideal for high-fidelity audio and precision sensor amplification. * **DigiTrim® Technology:** This is a patented process by Analog Devices used to trim the offset voltage at the wafer level, ensuring high accuracy without the need for external trimming circuits. * **Low Input Bias Current:** The CMOS input stage results in extremely low bias currents (picoampere range), making it perfect for photodiode transimpedance amplifiers. --- ### 3. Pin Configuration (MSOP-8) The AD8616ARMZ follows the standard dual Op-Amp pinout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | OUT A | Output of Amplifier A | | 2 | -IN A | Inverting Input of Amplifier A | | 3 | +IN A | Non-Inverting Input of Amplifier A | | 4 | V- | Negative Power Supply / Ground | | 5 | +IN B | Non-Inverting Input of Amplifier B | | 6 | -IN B | Inverting Input of Amplifier B | | 7 | OUT B | Output of Amplifier B | | 8 | V+ | Positive Power Supply | --- ### 4. Typical Applications * **Photodiode Amplification:** Due to low bias current. * **Battery Powered Instrumentation:** Due to its low voltage operation and efficiency. * **Audio Preamplifiers:** Utilizes low noise and low THD (Total Harmonic Distortion). * **ADC Drivers:** Acts as a buffer/driver for Analog-to-Digital Converters to ensure signal integrity. --- ### 5. Part Number Breakdown The suffix **-R2** indicates the packaging format: * **AD8616:** Model Number. * **ARMZ:** MSOP package (R) and Lead-free (Z). * **R2:** Small Reel (typically 250 units) for prototype or low-volume production.
    ✨ Follow-up Questions
    • ⤷What is the difference between the AD8616 and the single-channel AD8615?
    • ⤷ How does DigiTrim technology specifically improve the performance of this Op-Amp?
    • ⤷ Can this Op-Amp be used in a 12V system?