Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8628ART-R2

  • AI
    ## Overview of the AD8628ART-R2 The **AD8628ART-R2** is a high-precision, ultra-low offset voltage operational amplifier (op-amp) manufactured by Analog Devices. It utilizes **Zero-Drift** (auto-zero) technology, making it ideal for applications where DC precision and long-term stability are critical. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 2.7 V to 5.0 V (Single or Dual) | | **Offset Voltage (Max)** | 1 µV | | **Offset Drift (Max)** | 0.005 µV/°C | | **Quiescent Current** | 1.0 mA per Amplifier | | **Bandwidth** | 2.5 MHz | | **Package Type** | SOT-23-5 (ART suffix) | | **Input Bias Current** | 30 pA | | **Rail-to-Rail** | Input and Output | --- ### Key Features and Electronic Characteristics 1. **Zero-Drift Technology**: The internal architecture continuously corrects for internal offset voltage. This eliminates 1/f noise (flicker noise) and maintains high accuracy over temperature changes. 2. **Rail-to-Rail Input/Output (RRIO)**: The device can handle input signals that go all the way to the supply rails and can drive output voltages nearly to the positive and negative supply limits. 3. **Low Input Bias Current**: Crucial for high-impedance sensor interfaces, as it prevents errors caused by voltage drops across source resistances. 4. **No "Popcorn" Noise**: Unlike standard bipolar op-amps, the AD8628 is designed to minimize low-frequency noise bursts. --- ### Typical Applications * **Precision Sensors**: Interfacing with thermocouples, RTDs, and strain gages. * **Medical Instrumentation**: High-accuracy ECG/EKG monitoring. * **Current Sensing**: Monitoring low-side or high-side current with minimal error. * **Automotive Control**: Battery management systems and electronic power steering. --- ### Comparison: AD8628 vs. Standard Op-Amps ```markdown Standard Op-Amp (e.g., LM358) AD8628 (Zero-Drift) ---------------------------- --------------------------- Offset: 2mV to 5mV Offset: 1µV Drift: 7µV/°C Drift: 0.005µV/°C High 1/f Noise Near Zero 1/f Noise General Purpose High Precision / Metrology ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of Zero-Drift technology in sensor amplification?
    • ⤷ How does the SOT-23-5 pinout configuration look for the AD8628ART?
    • ⤷ What are the power consumption trade-offs when using this high-precision op-amp?