Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8628WARZ-R7

  • AI
    ## Technical Overview: AD8628WARZ-R7 The **AD8628WARZ-R7** is a high-precision, zero-drift, single-supply operational amplifier manufactured by Analog Devices. It is specifically designed for applications requiring ultra-low offset voltage and high stability over time and temperature. --- ### Key Specifications and Features | Feature | Specification | Description | | :--- | :--- | :--- | | **Architecture** | Zero-Drift / Chopper Stabilized | Eliminates 1/f noise and minimizes offset. | | **Offset Voltage** | 1 μV (Typical) | Extremely high DC precision. | | **Offset Drift** | 0.005 μV/°C | Minimal change in accuracy over temperature. | | **Supply Voltage** | 2.7V to 5.0V | Optimized for low-voltage systems. | | **Input/Output** | Rail-to-Rail | Maximum dynamic range for low voltage supplies. | | **AEC-Q100** | Qualified | Automotive grade (indicated by the 'W' in the part number). | | **Package** | SOIC-8 | Standard small outline integrated circuit. | --- ### Internal Functional Parts 1. **Auto-Zero Circuitry:** This is the "brain" of the chip. It continuously samples the input offset and corrects it. This results in the near-zero offset voltage and prevents the "drift" commonly seen in standard op-amps. 2. **EMI Filters:** The "W" variant (Automotive) includes enhanced integrated filters to reduce susceptibility to electromagnetic interference, crucial for noisy automotive environments. 3. **Rail-to-Rail Input/Output (RRIO) Stage:** Uses a specialized complementary differential input stage that allows the input signal to swing from the negative rail to the positive rail without clipping. --- ### Common Applications * **Automotive Sensors:** Pressure, temperature, and strain gauge monitoring in vehicles. * **Precision Current Sensing:** Used in shunt-based current measurement for battery management. * **Medical Instrumentation:** Low-frequency, high-gain signal conditioning for sensors like ECG or EEG. * **Thermocouple Amplifiers:** Because of the low offset, it can amplify microvolt signals from thermocouples without adding significant error. --- ### Part Number Breakdown | Suffix | Meaning | | :--- | :--- | | **AD8628** | Base model number (Zero-Drift Op-Amp). | | **W** | Automotive Grade (AEC-Q100 qualified). | | **A** | Temperature Grade (-40°C to +125°C). | | **RZ** | Package type (SOIC-8, RoHS Compliant). | | **R7** | Packaging format (7-inch Tape and Reel, 1000 units). |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD8628 and the AD8629?
    • ⤷ How does the auto-zero architecture affect the noise profile of this op-amp?
    • ⤷ What are the layout considerations for minimizing noise in zero-drift amplifiers?