Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8629ARMZ-R2

  • AI
    ## Overview of the AD8629ARMZ-R2 The **AD8629ARMZ-R2** is a high-precision, rail-to-rail input and output, operational amplifier manufactured by Analog Devices. It belongs to the "Zero-Drift" family, utilizing chopper-stabilized technology to achieve ultra-low offset voltage and minimal drift over time and temperature. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Zero-Drift Operational Amplifier | | **Number of Channels** | Dual (2) | | **Input Offset Voltage** | 1 μV (typical), 5 μV (maximum) | | **Offset Drift** | 0.005 μV/°C | | **Supply Voltage Range** | 2.7 V to 5.0 V | | **Bandwidth** | 2.5 MHz | | **Slew Rate** | 1 V/μs | | **Package Type** | MSOP-8 (Micro Small Outline Package) | | **Output Type** | Rail-to-Rail Input/Output (RRIO) | --- ### 2. Core Features * **Zero-Drift Technology:** It continuously self-corrects internal DC errors. This makes it ideal for applications where even a tiny change in temperature could ruin signal accuracy. * **Low Noise:** Despite being a chopper-stabilized amp, it maintains a very low voltage noise density (~22 nV/√Hz), preventing interference in sensitive measurements. * **No 1/f Noise:** Unlike standard op-amps, the 1/f noise (flicker noise) is virtually eliminated, which is critical for low-frequency or DC measurements. * **Rail-to-Rail Performance:** It can handle signals that swing all the way to the positive and negative supply rails, maximizing the dynamic range of the system. --- ### 3. Pin Configuration (MSOP-8) | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **OUT A** | Output of Amplifier A | | 2 | **-IN A** | Inverting Input of Amplifier A | | 3 | **+IN A** | Non-Inverting Input of Amplifier A | | 4 | **V-** | Negative Power Supply | | 5 | **+IN B** | Non-Inverting Input of Amplifier B | | 6 | **-IN B** | Inverting Input of Amplifier B | | 7 | **OUT B** | Output of Amplifier B | | 8 | **V+** | Positive Power Supply | --- ### 4. Common Applications * **Precision Sensors:** Used with strain gages, thermocouples, and RTDs where signal voltages are extremely small. * **Medical Instrumentation:** ECG/EKG monitors and pulse oximetry. * **Weight Scales:** High-resolution electronic scales requiring long-term stability. * **Current Sensing:** Shunt-based current monitoring in power management systems. --- ### 5. Part Number Breakdown: `AD8629ARMZ-R2` * **AD8629:** The base model number (Dual version of AD8628). * **ARMZ:** Indicates the package (MSOP-8) and RoHS compliance (Z). * **R2:** Specifies the tape and reel size (7-inch reel containing 250 units).
    ✨ Follow-up Questions
    • ⤷ How does zero-drift technology differ from standard operational amplifiers?
    • ⤷ What are the power consumption characteristics of the AD8629?
    • ⤷ Can this op-amp be used with a single-supply voltage of 3.3V?