Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8638ARJZ-R2

  • AI
    ## Technical Overview of AD8638ARJZ-R2 The **AD8638ARJZ-R2** is a high-precision, low-noise, chopper-stabilized operational amplifier (Op-Amp) manufactured by **Analog Devices**. It is designed specifically for applications requiring near-zero drift over time and temperature. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the AD8638 series: | Parameter | Specification | | :--- | :--- | | **Architecture** | Zero-Drift (Chopper Stabilized) | | **Supply Voltage Range** | 5V to 16V (Single) / ±2.5V to ±8V (Dual) | | **Offset Voltage (Max)** | 9 μV | | **Offset Drift (Max)** | 0.07 μV/°C | | **Bandwidth (GBW)** | 1.5 MHz | | **Package Type** | SOT-23-5 (RJ-5) | | **Operating Temperature** | -40°C to +125°C | | **Rail-to-Rail** | Output only | --- ### 2. Core Features & Functional Parts #### A. Zero-Drift Technology The "chopper" architecture continuously corrects for internal offset voltage. This ensures that the DC precision remains stable regardless of temperature fluctuations or aging, making it ideal for high-gain sensor interfaces. #### B. High Voltage Capability Unlike many precision op-amps that are limited to 5V, the AD8638 supports up to **16V**. This allows for a wider dynamic range and better signal-to-noise ratios in industrial environments. #### C. Low Noise Despite being a chopper-stabilized amplifier (which can sometimes introduce switching noise), the AD8638 is optimized for low-frequency noise performance, making it suitable for weighing scales and medical instrumentation. --- ### 3. Application Use Cases * **Precision Sensors:** Thermocouples, RTDs, and strain gauges where microvolt-level accuracy is critical. * **Medical Instrumentation:** ECG/EKG monitoring and blood analysis. * **Industrial Process Control:** Current sensing and high-accuracy voltage monitoring. * **Electronic Scales:** Precision weighing systems requiring long-term stability. --- ### 4. Part Number Breakdown (AD8638ARJZ-R2) | Code Segment | Meaning | | :--- | :--- | | **AD8638** | Base model number (Auto-zero Op-Amp) | | **A** | Performance grade | | **RJ** | Package code (SOT-23) | | **Z** | RoHS compliant (Lead-free) | | **R2** | Tape and Reel quantity (7-inch reel, 250 units) |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8638 and the AD8639?
    • ⤷ Can this Op-Amp be used in battery-powered applications requiring low power consumption?
    • ⤷ How does the chopper noise of the AD8638 affect high-frequency signal processing?