Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8639ARMZ-R7

  • AI
    ## Technical Overview: AD8639ARMZ-R7 The **AD8639ARMZ-R7** is a high-precision, dual-channel, rail-to-rail output, operational amplifier (Op-Amp) manufactured by Analog Devices. It utilizes **Auto-Zeroing technology** (chopper stabilization) to achieve ultra-low offset voltage and minimal drift over time and temperature. --- ### Key Specifications Below are the critical electrical parameters for the AD8639ARMZ-R7: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | Dual (2) | | **Supply Voltage (Single)** | 5V to 16V | | **Supply Voltage (Dual)** | ±2.5V to ±8V | | **Offset Voltage (Max)** | 3 µV | | **Offset Drift (Max)** | 0.01 µV/°C | | **Gain Bandwidth Product** | 1.5 MHz | | **Slew Rate** | 1.0 V/µs | | **Package / Case** | 8-MSOP (RM-8) | | **Temperature Range** | -40°C to +125°C | --- ### Core Functional Features 1. **Zero-Drift Architecture:** The internal "auto-zero" mechanism continuously corrects for input offset voltage. This makes the part ideal for DC precision applications where recalibration is not possible. 2. **Rail-to-Rail Output:** The output can swing very close to the supply rails, maximizing the dynamic range, especially in low-voltage systems. 3. **Low Noise:** Unlike older chopper amplifiers, the AD8639 is designed to minimize "chopping noise" or switching artifacts, providing a clean signal for high-resolution Analog-to-Digital Converters (ADCs). 4. **High Supply Voltage Support:** While many zero-drift op-amps are limited to 5V, the AD8639 supports up to 16V, allowing it to interface with industrial standard supplies. --- ### Typical Applications Due to its high precision, the AD8639ARMZ-R7 is commonly found in: * **Precision Scales:** Measuring minute changes in weight/load cells. * **Thermocouple/RTD Amplifiers:** Amplifying microvolt-level signals from temperature sensors. * **Current Sensing:** Low-side or high-side shunt monitoring in power supplies. * **Medical Instrumentation:** ECG/EEG front-end amplification. --- ### Ordering Information Detail The suffix **"ARMZ-R7"** breaks down as follows: * **ARMZ:** Indicates the 8-lead MSOP package and RoHS compliance. * **R7:** Indicates the packaging format (7-inch Reel, typically containing 1,000 units). ---
    ✨ Follow-up Questions
    • ⤷ How does the auto-zeroing technology in the AD8639 differ from standard precision op-amps?
    • ⤷ What are the common design considerations when using the AD8639 in a high-side current sensing circuit?
    • ⤷ Are there any pin-compatible alternatives to the AD8639 for higher bandwidth requirements?