Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8651ARMZ-R21

  • AI
    ## AD8651ARMZ-R2 1: Technical Overview The **AD8651ARMZ-R2** is a high-precision, rail-to-rail, CMOS operational amplifier manufactured by **Analog Devices**. It is designed for applications requiring low noise and high speed while operating on low voltage supplies. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Architecture** | CMOS, Precision Op-Amp | | **Number of Channels** | 1 (Single) | | **Gain Bandwidth Product** | 50 MHz | | **Slew Rate** | 41 V/µs | | **Supply Voltage Range** | 2.7 V to 5.5 V | | **Input Offset Voltage** | 100 µV (Typical) | | **Input Bias Current** | 1 pA | | **Voltage Noise Density** | 5 nV/√Hz @ 10 kHz | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Output Type** | Rail-to-Rail Output | --- ### 2. Core Features * **High Speed vs. Low Power:** It offers a massive 50 MHz bandwidth while maintaining relatively low power consumption, making it ideal for portable high-speed instrumentation. * **Low Noise:** With 5 nV/√Hz noise, it is suitable for sensor front-ends where signal integrity is critical. * **DigiTrim® Technology:** Analog Devices uses a patented digital trimming technique at the wafer level to minimize offset voltage, eliminating the need for external trimming by the user. * **Rail-to-Rail Output:** This allows the output signal to swing very close to the supply rails, maximizing dynamic range in 3.3V or 5V systems. --- ### 3. Pin Configuration (MSOP-8) Standard single op-amp pinout for the MSOP-8 package: ```text Pin 1: NC (No Connection) Pin 2: -IN (Inverting Input) Pin 3: +IN (Non-Inverting Input) Pin 4: V- (Negative Supply) Pin 5: NC (No Connection) Pin 6: OUT (Output) Pin 7: V+ (Positive Supply) Pin 8: NC (No Connection) ``` --- ### 4. Typical Applications 1. **Optical Networking:** Used in transimpedance amplifiers (TIA) for photodiode current-to-voltage conversion. 2. **ADC Drivers:** Acts as a buffer/driver for high-speed 12-bit to 16-bit Analog-to-Digital Converters. 3. **Medical Instrumentation:** High-impedance sensor interfaces (like ECG or pulse oximetry) due to low bias current. 4. **Audio Filters:** High-fidelity active filters where low distortion and low noise are required. --- ### 5. Part Number Breakdown * **AD8651:** Base model number. * **A:** Performance grade (Standard). * **RMZ:** Package code for **MSOP** (Mini Small Outline Package), "Z" indicates RoHS compliance (Lead-free). * **R2:** Packaging suffix, usually indicating a small reel size (250 units) or specific tape-and-reel orientation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD8651 and the dual-channel AD8652?
    • ⤷ How does the input bias current of CMOS op-amps compare to Bipolar types in sensor applications?
    • ⤷ Can this op-amp be used with a single 3.3V power supply?