Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8652ARMZ-R2

  • AI
    ## Technical Overview: AD8652ARMZ-R2 The **AD8652ARMZ-R2** is a high-precision, dual-channel, rail-to-rail input and output (RRIO) operational amplifier manufactured by Analog Devices. It is part of the DigiTrim® technology family, which allows for high DC precision at a low cost. ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Max)** | 5.5 V (Single) or ±2.75 V (Dual) | | **Bandwidth (GBP)** | 50 MHz | | **Slew Rate** | 41 V/µs | | **Offset Voltage** | 100 µV (Max) | | **Input Bias Current** | 1 pA (Typ) | | **Voltage Noise Density** | 5 nV/√Hz | | **Package / Case** | 8-MSOP (RM-8) | --- ### 2. Functional Characteristics * **Rail-to-Rail Performance:** Both input and output can swing to the positive and negative rails, maximizing dynamic range in low-voltage systems. * **Low Noise & Low Distortion:** With 5 nV/√Hz noise and high linearity, it is ideal for audio and high-resolution data acquisition. * **High Speed:** The 50 MHz gain bandwidth product combined with a high slew rate makes it suitable for driving high-speed Analog-to-Digital Converters (ADCs). * **Precision (DigiTrim):** Analog Devices uses a patented digital trimming technique at the wafer level to minimize input offset voltage. --- ### 3. Pin Configuration (8-MSOP) | Pin No. | Symbol | Description | | :--- | :--- | :--- | | 1 | OUT A | Output of Channel A | | 2 | -IN A | Inverting Input of Channel A | | 3 | +IN A | Non-inverting Input of Channel A | | 4 | V- | Negative Supply (or Ground) | | 5 | +IN B | Non-inverting Input of Channel B | | 6 | -IN B | Inverting Input of Channel B | | 7 | OUT B | Output of Channel B | | 8 | V+ | Positive Supply Voltage | --- ### 4. Typical Applications 1. **ADC Drivers:** Its high speed and low noise allow it to buffer signals for 12-bit to 16-bit ADCs. 2. **Optical Communications:** Used in photodiode transimpedance amplification due to extremely low input bias current. 3. **Medical Instrumentation:** High precision and rail-to-rail capability make it useful for battery-powered diagnostic tools. 4. **Filters:** Excellent for active high-order filter designs.
    ✨ Follow-up Questions
    • ⤷ How does the DigiTrim technology improve the performance of this op-amp?
    • ⤷ What are the power consumption characteristics of the AD8652?
    • ⤷ Can you provide a comparison between the AD8652 and the AD8651?