Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8655ARMZ-R2

  • AI
    ## Technical Overview of the AD8655ARMZ-R2 The **AD8655ARMZ-R2** is a high-precision, low-noise, CMOS operational amplifier (Op-Amp) manufactured by **Analog Devices**. It is specifically designed for applications requiring high accuracy and high speed while operating at low voltages. ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Architecture** | Single, Precision CMOS Op-Amp | | **Supply Voltage (Single)** | 2.7 V to 5.5 V | | **Bandwidth (GBP)** | 28 MHz | | **Slew Rate** | 11 V/µs | | **Voltage Noise Density** | 2.7 nV/√Hz at 10 kHz | | **Input Offset Voltage** | 250 µV (Maximum) | | **Output Type** | Rail-to-Rail Input/Output (RRIO) | | **Package Type** | MSOP-8 (ARMZ designation) | --- ### 2. Core Functional Characteristics #### A. Low Noise Performance The AD8655 is renowned for its industry-leading low noise for a CMOS amplifier. With a noise density of **2.7 nV/√Hz**, it is ideal for sensitive sensor interfaces where signal integrity is paramount. #### B. Rail-to-Rail Input and Output (RRIO) Unlike standard op-amps that lose range near the power supply rails, the AD8655 allows the input and output signals to swing almost to the full extent of the V+ and V- supplies. This maximizes the **dynamic range** in low-voltage systems (e.g., 3.3V or 5V logic). #### C. High Speed vs. Low Power With a **28 MHz Gain Bandwidth Product**, this part can handle relatively fast signals while maintaining high DC precision. It strikes a balance between speed and power consumption, drawing roughly 3.7 mA per amplifier. --- ### 3. Pin Configuration (MSOP-8) | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1, 5, 8 | NC | No Internal Connection | | 2 | –IN | Inverting Input | | 3 | +IN | Non-inverting Input | | 4 | V– | Negative Supply (or Ground) | | 6 | OUT | Amplifier Output | | 7 | V+ | Positive Supply | --- ### 4. Typical Applications * **ADC Driver:** Providing a low-impedance, low-noise signal to Analog-to-Digital Converters. * **Audio Preamplifiers:** High-fidelity audio signal processing. * **Optical Network Control:** Transimpedance amplifiers for photodiode sensors. * **Medical Instrumentation:** Low-power, high-precision diagnostic equipment. --- ### 5. Part Number Breakdown * **AD8655:** Base model number. * **ARMZ:** Indicates the package type (MSOP-8) and RoHS compliance. * **R2:** Refers to the "Reel" size; "R2" typically signifies a small 7-inch reel (250 units), whereas "REEL7" or "REEL" might denote larger quantities.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8655 and the AD8656?
    • ⤷ How does the input bias current of this CMOS op-amp compare to bipolar alternatives?
    • ⤷ Can you provide a circuit diagram example for using the AD8655 as a transimpedance amplifier?