Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8659ARZ-R7

  • AI
    ## AD8659ARZ-R7: Technical Overview The **AD8659ARZ-R7** is a high-precision, quad-channel operational amplifier (op-amp) manufactured by Analog Devices. It is designed for low-power applications requiring high accuracy and a small footprint. ### Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | 4 (Quad) | | **Supply Voltage (Single)** | 2.7V to 18V | | **Supply Voltage (Dual)** | ±1.35V to ±9V | | **Quiescent Current** | ~18 µA per amplifier | | **Gain Bandwidth Product** | 200 kHz | | **Offset Voltage (Max)** | 350 µV | | **Input Bias Current** | 1 pA (Typical) | | **Output Type** | Rail-to-Rail | | **Package / Case** | 14-SOIC (Narrow body) | --- ### Key Features and Electronic Characteristics 1. **Micropower Consumption:** With a current draw of only 18 µA per channel, this device is ideal for battery-operated devices and portable instrumentation where power budget is critical. 2. **Precision Performance:** It features very low input offset voltage and extremely low input bias current (pA range). This makes it suitable for interfacing with high-impedance sensors, such as photodiodes or pH probes. 3. **Rail-to-Rail Output:** The output can swing very close to the supply rails, maximizing the dynamic range of the signal, which is essential when working with low-voltage power supplies like 3.3V. 4. **Wide Supply Range:** Unlike many micropower op-amps limited to 5V, the AD8659 can handle up to 18V, allowing it to be used in industrial 12V or 15V systems. --- ### Typical Applications * **Portable Instrumentation:** Handheld meters and diagnostic tools. * **Sensor Interfaces:** Signal conditioning for pressure, temperature, and chemical sensors. * **Battery Monitoring:** Current sensing and voltage monitoring in power management systems. * **Active Filters:** Low-frequency filtering in low-power audio or medical equipment. --- ### Part Number Breakdown * **AD8659**: The base model number (Quad Micropower Precision Op-Amp). * **ARZ**: Indicates the package type (R = SOIC_N) and RoHS compliance (Z). * **R7**: Indicates the packaging format (7-inch Reel, typically containing 1,000 units).
    ✨ Follow-up Questions
    • ⤷ How does the AD8659 compare to the dual-channel AD8657 version?
    • ⤷ What are the advantages of using a rail-to-rail output in battery-powered designs?
    • ⤷ Can you provide a basic schematic for a non-inverting amplifier using the AD8659?