Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8671ARM-R2

  • AI
    ## Overview of AD8671ARM-R2 The **AD8671ARM-R2** is a high-precision, ultra-low noise, single operational amplifier (op-amp) manufactured by Analog Devices. It belongs to a family known for its excellent input specifications, making it ideal for high-end instrumentation and medical applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Op-Amp Type** | Precision, Ultra-Low Noise | | **Number of Channels** | 1 (Single) | | **Voltage Noise Density** | 2.8 nV/√Hz at 1 kHz | | **Input Offset Voltage** | 75 µV (Maximum) | | **Gain Bandwidth Product** | 10 MHz | | **Slew Rate** | 4 V/µs | | **Supply Voltage Range** | ±5 V to ±15 V | | **Package Type** | MSOP-8 (ARM designation) | --- ### 2. Electronic Characteristics The AD8671 is designed for high-performance signal conditioning. Below are the critical electronic components and features that define its operation: #### A. Ultra-Low Noise Profile With a noise density of **2.8 nV/√Hz**, this part is specifically engineered for applications where signal integrity is paramount. It minimizes the "hiss" or background electronic noise that can obscure small signals. #### B. Precision DC Performance * **Low Offset Drift:** The device maintains its accuracy over a wide temperature range, preventing the signal from "wandering." * **High CMRR/PSRR:** It has excellent Common-Mode Rejection Ratio (CMRR) and Power Supply Rejection Ratio (PSRR), which helps filter out noise coming from power lines or external interference. #### C. Output Drive Capability Despite being a precision amplifier, the AD8671 can drive capacitive loads up to **200 pF** without significant oscillation, and it offers a rail-to-rail output swing, allowing for a wider dynamic range in low-voltage systems. --- ### 3. Pin Configuration (MSOP-8) | Pin Number | Symbol | Description | | :---: | :--- | :--- | | 1 | NC | No Connection | | 2 | -IN | Inverting Input | | 3 | +IN | Non-Inverting Input | | 4 | V- | Negative Power Supply | | 5 | NC | No Connection | | 6 | OUT | Output | | 7 | V+ | Positive Power Supply | | 8 | NC | No Connection | --- ### 4. Common Applications Due to its high precision, the AD8671ARM-R2 is frequently found in: * **Medical Instrumentation:** ECG and EEG monitoring where microvolt signals are measured. * **Precision Filters:** Active filters requiring high accuracy and low distortion. * **Professional Audio:** High-end pre-amplifiers and mixing consoles. * **Sensor Interfaces:** Buffering outputs from high-impedance sensors like photodiodes. --- ### 5. Part Number Breakdown * **AD8671:** The base model number. * **ARM:** Refers to the **MSOP** (Mini Small Outline Package) and the temperature grade. * **R2:** Indicates the packaging format, typically referring to a **7-inch reel** containing 250 units. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8671 and the AD8672?
    • ⤷ How does the supply current of the AD8671 affect thermal management in small packages?
    • ⤷ Can the AD8671 be used in single-supply 5V applications?