Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8675ARMZ-R2

  • AI
    The **AD8675ARMZ-R2** is a high-precision, rail-to-rail output operational amplifier (op-amp) manufactured by Analog Devices. It is part of a series known for extremely low noise, low offset voltage, and low input bias currents. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8675: | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage Range** | ±5 V to ±18 V (or 10V to 36V single) | | **Input Offset Voltage** | 10 μV (typical), 75 μV (max) | | **Input Bias Current** | 0.5 nA | | **Voltage Noise Density** | 2.8 nV/√Hz @ 1 kHz | | **Gain Bandwidth Product** | 10 MHz | | **Slew Rate** | 2.5 V/μs | | **Output Stage** | Rail-to-Rail | | **Package Type** | MSOP-8 (ARMZ) | --- ### 2. Breakdown of the Part Number Understanding the suffix helps in identifying the physical and packaging properties: * **AD8675**: The base model number for this specific high-precision op-amp. * **ARMZ**: * **A**: Temperature grade (usually -40°C to +125°C). * **RM**: Indicates the **MSOP** (Mini Small Outline Package). * **Z**: Denotes RoHS compliance (lead-free). * **R2**: Indicates the shipping method, specifically a **7-inch reel** containing 250 units (standard for prototyping or small production runs). --- ### 3. Core Features & Advantages * **Ultra-Low Offset Drift:** The device maintains accuracy over a wide temperature range, making it ideal for precision instrumentation. * **Low Noise:** At 2.8 nV/√Hz, it is suitable for amplifying very small signals (like those from sensors) without adding significant background hiss or errors. * **High Input Impedance:** Low input bias current ensures that the amplifier does not load down high-impedance signal sources. * **Wide Supply Range:** Capable of running on standard ±15V industrial rails. --- ### 4. Typical Applications The AD8675 is commonly found in environments where signal integrity is critical: 1. **Precision Filters:** High-order active filters for medical or scientific equipment. 2. **ADC Drivers:** Buffering signals before they enter a high-resolution (16-bit or 24-bit) Analog-to-Digital Converter. 3. **Photodiode Transimpedance Amps:** Converting light sensors' tiny current outputs into usable voltages. 4. **Strain Gauge Amplifiers:** Used in high-accuracy industrial scales and pressure sensors. --- ### 5. Equivalent/Alternative Parts If the AD8675 is unavailable, engineers often look at: * **OP27 / OP37:** Older industry standards (though AD8675 has better specs). * **ADA4004:** Another low-noise precision option from Analog Devices. * **LT1012:** Known for low bias current.
    ✨ Follow-up Questions
    • ⤷ How does the AD8675 differ from the dual-channel AD8676 version?
    • ⤷ What are the layout considerations for reducing noise in an MSOP-8 package?
    • ⤷ Can the AD8675 be used in single-supply 5V logic systems?