Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD9142ABCPZRL

  • AI
    The **AD9142A** (specifically the `AD9142ABCPZRL` variant) is a high-performance, dual-channel, 16-bit Digital-to-Analog Converter (DAC). It is designed by Analog Devices for high-speed signal processing applications like wireless infrastructure and instrumentation. --- ### 1. Key Technical Specifications The AD9142A is known for its high sample rate and advanced signal processing features. | Parameter | Specification | | :--- | :--- | | **Resolution** | 16-Bit | | **Channels** | Dual (2 DACs) | | **Max Sample Rate** | 1.6 GSPS (Giga-samples per second) | | **Interface** | LVDS (Low-Voltage Differential Signaling) | | **Power Supply** | 1.8V and 3.3V | | **Package** | 72-Lead LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Core Electronic Components & Features The internal architecture of the AD9142A contains several critical functional blocks: #### A. Digital Signal Processing (DSP) * **Interpolation Filters:** Includes selectable 2×, 4×, and 8× interpolation filters. This simplifies the design of the analog anti-aliasing filter by moving image frequencies further away from the band of interest. * **Complex Modulation:** Features a fine complex Numerically Controlled Oscillator (NCO) that allows for flexible placement of the intermediate frequency (IF). #### B. Input Interface * **LVDS Interface:** Uses a high-speed Low-Voltage Differential Signaling interface to handle the massive data throughput required for a 1.6 GSPS rate. * **FIFO:** An integrated FIFO (First-In, First-Out) buffer manages the timing between the digital input data clock and the internal DAC sample clock. #### C. Analog Output * **Current-Source Architecture:** The DAC uses a differential current output architecture, which provides superior linearity and reduces even-order harmonics. * **Auxiliary DACs:** Includes small auxiliary DACs used for offset and gain adjustment to minimize "LO leakage" and "Image rejection" in IQ modulators. --- ### 3. Part Number Breakdown: `AD9142ABCPZRL` Understanding the suffix helps in sourcing and manufacturing: | Suffix | Meaning | | :--- | :--- | | **AD9142A** | Core model number (High-speed 16-bit DAC). | | **B** | Temperature Grade (Industrial: -40°C to +85°C). | | **CP** | Package Type (LFCSP - Lead Frame Chip Scale Package). | | **Z** | RoHS Compliant (Lead-free). | | **RL** | Packing Style (Tape and Reel for automated assembly). | --- ### 4. Typical Applications * **Wireless Infrastructure:** W-CDMA, LTE, and TD-SCDMA base stations. * **Wideband Communications:** Point-to-point microwave and backhaul. * **Instrumentation:** Signal generators and automated test equipment (ATE). * **Radar/Military:** Electronic warfare and high-resolution imaging. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the AD9142A at max sample rate?
    • ⤷ How does the AD9142A handle synchronization between multiple chips?
    • ⤷ What are the specific thermal management requirements for the 72-LFCSP package?