Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD9953_15

  • AI
    The **AD9953** is a high-performance Direct Digital Synthesizer (DDS) manufactured by Analog Devices. It is designed to generate highly accurate, frequency-agile analog output waveforms. The specific suffix "15" usually refers to a specific package or speed grade (often associated with the 400 MSPS clock rate). --- ## 1. Core Technical Specifications The AD9953 is part of the "AgileRF" family. Below are its primary technical parameters: | Feature | Specification | | :--- | :--- | | **Max Sampling Rate** | 400 MSPS | | **DAC Resolution** | 14-Bit | | **Frequency Resolution** | 32-bit (Approx. 0.093 Hz at 400 MHz) | | **Phase Resolution** | 14-bit | | **Power Supply** | 1.8V (Core) and 3.3V (I/O) | | **Interface** | Serial (SPI) up to 25 MHz | | **Power Consumption** | ~175 mW at 400 MSPS | --- ## 2. Key Internal Components The AD9953 integrates several critical electronic sections into a single CMOS chip: ### A. Digital Phase Accumulator * **Function:** This is the heart of the DDS. It takes a Frequency Tuning Word (FTW) and adds it to the current phase value at every clock cycle. * **Output:** A linear phase ramp that determines the frequency of the output signal. ### B. Phase-to-Amplitude Converter (SINE Lookup Table) * Translates the phase information from the accumulator into digital amplitude values representing a sine wave. ### C. 14-Bit Digital-to-Analog Converter (DAC) * Converts the digital sine values into a high-speed analog current output. The high resolution (14-bit) ensures a very low **Spurious-Free Dynamic Range (SFDR)**, typically >80 dB at 160 MHz. ### D. Integrated RAM * The AD9953 features **1024 words of 32-bit RAM**. * This allows the user to store custom waveforms or frequency/phase/amplitude profiles for rapid modulation without constant SPI interaction. --- ## 3. Pinout and Connection Types The device is typically housed in a **48-lead TQFP_EP** (Thin Quad Flat Pack with Exposed Pad) for enhanced thermal dissipation. * **REFCLK Inputs:** Can be driven by a crystal or an external oscillator. It includes an internal programmable **REFCLK Multiplier** (4x to 20x) to reach 400 MHz from lower frequency sources. * **IOUT / IOUTB:** Complementary current outputs. These are usually connected to a center-tapped transformer or an operational amplifier to convert current to voltage. * **LPF (Loop Filter):** Pins for the external capacitor/resistor network required by the internal PLL. --- ## 4. Typical Application Circuit ```c /* Basic Logic Flow for AD9953 Initialization */ 1. Reset Device (Master Reset). 2. Set CFR1/CFR2 Registers (Clock multiplier, DAC settings). 3. Load Frequency Tuning Word (FTW) into the Register. 4. Issue "IO_UPDATE" to apply changes to the DDS core. ``` --- ## 5. Applications * **Agile Local Oscillators:** For radio transceivers. * **Radar and Scanning Systems:** Utilizing the RAM for fast frequency hopping. * **Test and Measurement:** Generating precision signals for lab equipment. * **Acousto-Optic Device Drivers.**
    ✨ Follow-up Questions
    • ⤷ How does the AD9953 compare to the AD9854 in terms of power consumption?
    • ⤷ What is the purpose of the 1024-word RAM in this specific DDS model?
    • ⤷ What external filtering is recommended for the DAC output to reduce alias signals?