Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD9953_17

  • AI
    The **AD9953** is a high-performance Direct Digital Synthesizer (DDS) manufactured by Analog Devices. It is designed for high-speed frequency synthesis and is part of the AgileRF™ family. Below is a detailed breakdown of its electronic components and functional architecture. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Max Clock Rate** | 400 MSPS (Mega Samples Per Second) | | **DAC Resolution** | 14-bit Internal DAC | | **Frequency Tuning** | 32-bit Frequency Tuning Word (FTW) | | **Power Supply** | 1.8 V (Core) and 3.3 V (I/O) | | **Interface** | High-speed Serial I/O (SPI compatible) | | **Package** | 48-lead TQFP | --- ### 2. Internal Functional Blocks The AD9953 consists of several critical electronic sub-systems that allow it to generate precise analog waveforms: #### A. Digital Phase Accumulator The "brain" of the DDS. It uses a **32-bit accumulator** to step through a phase range based on the frequency tuning word. With a 400 MHz clock, it provides a frequency resolution of approximately **0.093 Hz**. #### B. Phase-to-Amplitude Converter (Sine LUT) This block converts the digital phase information from the accumulator into digital amplitude values (sine wave data). It employs compression techniques to minimize power consumption while maintaining high spectral purity. #### C. 14-Bit Digital-to-Analog Converter (DAC) The AD9953 features a high-speed, 14-bit integrated DAC. This provides a high **Spurious-Free Dynamic Range (SFDR)**, typically >80 dB at narrow offsets, making it suitable for clean signal generation. #### D. RAM (Random Access Memory) Unlike simpler DDS chips, the AD9953 includes **1024 x 32-bit RAM**. This allows users to store: * Frequency ramps. * Phase offsets. * Amplitude profiles for complex modulation. --- ### 3. Peripheral Components & Connectivity To implement the AD9953 in a circuit, the following electronic parts are usually required: * **Reference Clock:** Usually a high-stability Crystal Oscillator or TCXO. The chip has an internal 4× to 20× programmable clock multiplier (PLL). * **Low Pass Filter (LPF):** Essential at the DAC output to remove "image" frequencies and clock feedthrough. Usually an LC Elliptic filter. * **Decoupling Capacitors:** Multiple 0.1µF and 0.01µF capacitors are required near the power pins to maintain signal integrity at 400 MHz. --- ### 4. Comparison with Other Models | Feature | AD9851 | AD9953 | AD9954 | | :--- | :--- | :--- | :--- | | **Clock Speed** | 180 MHz | 400 MHz | 400 MHz | | **DAC Bits** | 10-bit | 14-bit | 14-bit | | **RAM** | No | Yes (1k) | Yes (1k) | | **Comparator** | No | No | Yes (High Speed) | --- ### 5. Common Applications * Agile Local Oscillators (LO) in telecommunications. * Test and Measurement equipment. * Radar and Scanning systems. * Clock generators for high-speed ADCs.
    ✨ Follow-up Questions
    • ⤷ How does the RAM feature in the AD9953 assist in frequency chirping?
    • ⤷ What are the power consumption characteristics of the AD9953 at max clock speed?
    • ⤷ What is the specific role of the 32-bit Frequency Tuning Word in signal accuracy?