Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADA4075-2ARZ-R7

  • AI
    ## ADA4075-2ARZ-R7: Technical Overview The **ADA4075-2ARZ-R7** is a high-performance, dual-channel, ultralow noise amplifier manufactured by **Analog Devices**. It is specifically designed for high-fidelity audio applications and precision instrumentation where signal integrity is paramount. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Operational Amplifier (Op-Amp) | | **Number of Channels** | 2 (Dual) | | **Input Voltage Noise** | 2.8 nV/√Hz @ 1 kHz | | **Gain Bandwidth Product** | 6.5 MHz | | **Slew Rate** | 12 V/µs | | **Supply Voltage Range** | ±4.5 V to ±18 V | | **Total Harmonic Distortion** | 0.0002% (Typical) | | **Package / Case** | 8-SOIC (Small Outline IC) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Core Functional Parts & Internal Architecture The internal design of the ADA4075-2 focuses on balancing low noise with high speed. Below are the critical electronic components of its architecture: * **Bipolar Input Stage:** Unlike CMOS op-amps, the ADA4075-2 uses a bipolar (BJT) input structure. This is the primary reason for its **ultralow voltage noise density**. * **Precision Trimming Circuits:** The chip includes internal resistors that are laser-trimmed during manufacturing to ensure low input offset voltage (typically 150 µV). * **Output Driver Stage:** Designed for high linearity, the output stage can swing close to the rails (though it is not a "Rail-to-Rail" output) to maintain a high dynamic range. * **Internal Compensation:** It includes internal capacitors to ensure stability at unity gain without needing external frequency compensation components. --- ### 3. Application Use Cases Due to its low distortion and high precision, this part is commonly used in: 1. **Professional Audio:** Preamplifiers, mixing consoles, and high-end audio converters (DAC/ADC buffers). 2. **Precision Filters:** Active filters where phase accuracy and low noise are required. 3. **Sensor Interface:** Preamplification for low-impedance sensors like strain gauges or microphones. --- ### 4. Part Number Breakdown Understanding the suffix `ARZ-R7` is critical for procurement and PCB design: * **ADA4075-2:** The base model name (Dual channel). * **A:** Performance grade. * **R:** Temperature range (Industrial, -40°C to +125°C). * **Z:** RoHS compliant (Lead-free). * **R7:** Packaging format (7-inch Tape and Reel, typically containing 1,000 units).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADA4075-2 and the industry-standard NE5532?
    • ⤷ Can the ADA4075-2 be used with a single-supply power configuration?
    • ⤷ What is the importance of the 2.8 nV/√Hz noise specification in audio circuit design?